Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOB967660 Datasheet(PDF) 4 Page - celduc-relais

Part # SOB967660
Description  Double Power Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SOB967660 Datasheet(HTML) 4 Page - celduc-relais

  SOB967660 Datasheet HTML 1Page - celduc-relais SOB967660 Datasheet HTML 2Page - celduc-relais SOB967660 Datasheet HTML 3Page - celduc-relais SOB967660 Datasheet HTML 4Page - celduc-relais SOB967660 Datasheet HTML 5Page - celduc-relais SOB967660 Datasheet HTML 6Page - celduc-relais SOB967660 Datasheet HTML 7Page - celduc-relais SOB967660 Datasheet HTML 8Page - celduc-relais SOB967660 Datasheet HTML 9Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 4 / 9F/GB
S/MON/SOB967660/A/02/05/2006
okpac
Dimensions sans le connecteur de commande/
Dimensions without control connector
H
H dépend du type de connecteur de commande.
Différent modèles possibles: voir page suivantes
H max = 47mm
H depends on the type of input connector
Different solutions are available : see following pages
H max = 47mm
L1
L2
T1
T2
+
+
-
-
IN 2
IN 1


Similar Part No. - SOB967660

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB963660 CELDUC-SOB963660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB96366WF CELDUC-SOB96366WF Datasheet
1Mb / 9P
   Ready to use Double Power Solid State Relay
SOB965160 CELDUC-SOB965160 Datasheet
975Kb / 9P
   Dual Power Solid State Relay
SOB965660 CELDUC-SOB965660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
More results

Similar Description - SOB967660

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB765670 CELDUC-SOB765670 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB942660 CELDUC-SOB942660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB965660 CELDUC-SOB965660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB767670 CELDUC-SOB767670 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB963660 CELDUC-SOB963660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB865660 CELDUC-SOB865660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB665300 CELDUC-SOB665300 Datasheet
987Kb / 6P
   Double Power Solid State Relay
SOB763670 CELDUC-SOB763670 Datasheet
875Kb / 7P
   Double Power Solid State Relay
SCB865300 CELDUC-SCB865300 Datasheet
125Kb / 3P
   Double Solid State Relay
SCB942600 CELDUC-SCB942600 Datasheet
119Kb / 3P
   Double Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com