Electronic Components Datasheet Search |
|
LTC2054IS5 Datasheet(PDF) 2 Page - Linear Technology |
|
LTC2054IS5 Datasheet(HTML) 2 Page - Linear Technology |
2 / 12 page 2 LTC2054/LTC2055 sn20545 20545fas 5 V + 4 –IN OUT 1 TOP VIEW S5 PACKAGE 5-LEAD PLASTIC SOT-23 V – 2 +IN 3 1 2 3 4 OUT A –IN A +IN A V – 8 7 6 5 V + OUT B –IN B +IN B TOP VIEW MS8 PACKAGE 8-LEAD PLASTIC MSOP TOP VIEW DD PACKAGE 8-LEAD (3mm × 3mm) PLASTIC DFN UNDERSIDE METAL INTERNALLY CONNECTED TO V– (PCB CONNECTION OPTIONAL) 5 6 7 8 4 3 2 1 OUT A –IN A +IN A V– V+ OUT B –IN B +IN B Total Supply Voltage (V+ to V –) LTC2054/LTC2055 .................................................. 7V LTC2054HV/LTC2055HV ....................................... 12V Input Voltage ........................ (V + + 0.3V) to (V – – 0.3V) Input Current ...................................................... ±10mA Output Short-Circuit Duration ......................... Indefinite Operating Temperature Range ............. – 40°C to 125°C Specified Temperature Range (Note 3) – 40°C to 125°C Storage Temperature Range ................ – 65°C to 150°C DD Package ...................................... – 65°C to 125°C Lead Temperature (Soldering, 10 sec)................. 300°C (Note 1) ORDER PART NUMBER* ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO TJMAX = 150°C, θJA = 200°C/W TJMAX = 125°C, θJA = 160°C/W, NOTE 5 DD PART MARKING LTC2055CDD LTC2055HVCDD LTC2055IDD LTC2055HVIDD LTC2055HDD LTC2055HVHDD ORDER PART NUMBER* MS8 PART MARKING LTC2055CMS8 LTC2055HVCMS8 LTC2055IMS8 LTC2055HVIMS8 LTC2055HMS8 LTC2055HVHMS8 *The temperature grade (C, I or H) is indicated on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges. TJMAX = 150°C, θJA = 250°C/W ORDER PART NUMBER* S5 PART MARKING LTC2054CS5 LTC2054HVCS5 LTC2054IS5 LTC2054HVIS5 LTC2054HS5 LTC2054HVHS5 LTAGB LTAGD LTAGB LTAGD LTAGB LTAGD (LTC2054/LTC2055, LTC2054HV/LTC2055HV) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 5V unless otherwise noted. (Note 3) ELECTRICAL CHARACTERISTICS LTC2054C/LTC2055C LTC2054I/LTC2055I LTC2054H/LTC2055H SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS IS Supply Current (LTC2054) No Load, VS = 3V ● 140 175 140 180 µA No Load, VS = 5V ● 150 175 150 180 µA IS Supply Current Per Amplifier No Load, VS = 3V ● 130 150 130 155 µA (LTC2055) No Load, VS = 5V ● 135 150 135 155 µA VOS Input Offset Voltage (Note 2) ±0.5 ±3 ±0.5 ±3 µV ∆VOS/∆T Average Input Offset Drift (Note 2) ● 0.02 ±0.03 0.02 ±0.05 µV/°C Long-Term Offset Drift 50 50 nV/√mo IB Input Bias Current (Note 4) VS = 3V ±1 ±1pA VS = 3V ● ±150 ±3000 pA VS = 5V ±1 ±1pA VS = 5V ● ±150 ±3000 pA LBCW LBCX LBCW LBCX LBCW LBCX LTBCR LTBCT LTBCR LTBCT LTBCR LTBCT |
Similar Part No. - LTC2054IS5 |
|
Similar Description - LTC2054IS5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |