Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCW6151 Datasheet(PDF) 4 Page - celduc-relais

Part # SMCW6151
Description  Solid State Relays For Motor Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMCW6151 Datasheet(HTML) 4 Page - celduc-relais

  SMCW6151 Datasheet HTML 1Page - celduc-relais SMCW6151 Datasheet HTML 2Page - celduc-relais SMCW6151 Datasheet HTML 3Page - celduc-relais SMCW6151 Datasheet HTML 4Page - celduc-relais SMCW6151 Datasheet HTML 5Page - celduc-relais SMCW6151 Datasheet HTML 6Page - celduc-relais SMCW6151 Datasheet HTML 7Page - celduc-relais SMCW6151 Datasheet HTML 8Page - celduc-relais SMCW6151 Datasheet HTML 9Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
celduc
®
r
e
l
a
i
s
S/MOT/SMCW6151/A/23/07/99
1W240030
Page 4/16 GB
Solid State Relays
For Motor Control
CONTROL
CONTROL INPUTS AND STATUS OUTPUTS
Fig. 4
HIGH SIDE CONTROL (PNP)
Fig. 5
LOW SIDE CONTROL (NPN)
Fig. 6
STATUS OUTPUT
UTILIZATION
ELECTRICAL CHARACTERISTICS OF THE STARTING AND STOPPING INPUTS
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Input
Ctrl
Urg. Stop
Function
Controlling the device
Immediately stop the
device
Control Type
(Depending on the option switches)
High side control
(PNP)
Low side control
(NPN)
Opening the
connection to zero volt
Concerned Terminals
4 & 6
4 & 6
5 & 6
Control Voltage Range
(according to EN60947-4-2)
Uc
10->24VDC
-
-
Min. Control Voltage
Ucmin.
8.5V
-
-
Max. Voltage Drop
Ut
-
2.5VDC
1.5VDC
Max. Input Voltage
Ucmax=28VDC
Utmax=28VDC
Utmax=6VDC
Max. Reverse Voltage
-Ucmax=28VDC
-Utmax=28VDC
-Utmax=6VDC
Release Voltage
Uc<1VDC
Ut>2.5VDC
Ut>1.5VDC
Control Current
Ic
5->19mADC
-
-
See curve fig. 7
page 5
Current To Switch
Ict
-
50->100µADC
20mADC
Depends on Ut
STATUS OUTPUT CHARACTERISTICS
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Output
Diag.
Byp.
Concerned Terminals
1 & 2
2 & 3
Function
Environment problem
detection or faulty device
indication
Indicates the end of the
starting period and can be
used to control a bypass
electromechanical contactor
Nom. Operating Voltage
Usan
24VAC/DC
Operating Voltage Range
Usa
0->28VAC/DC
Non-repetitive Max. Peak Voltage
Usapmax
60V
Protection Against Overvoltage
Yes
25V size 7 varistors integrated
See curves
fig. 11 & 12
page 5
Min. Load Current
Ibymin
Ipbmin
0
Max. Permanent Current
Iby/Ipb
1A AC/DC
See curve fig. 8
page 5
Overload Current
Ibyp/Ipbp
2.4A AC/DC
@100ms
10% of the cycle
Protection Against Short-Circuits
No
On-state Resistance
Ron
500m
See curve fig. 9
page 5
Off-state Resistance
Roff
100M
Off-state Capacitance
Coff
130pF
See curve
fig. 10 page 5
Turn-on Time
Toff
0.5ms
Turn-off Time
Ton
2ms


Similar Part No. - SMCW6151

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6150 CELDUC-SMCW6150 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
More results

Similar Description - SMCW6151

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6110 CELDUC-SMCW6110 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6150 CELDUC-SMCW6150 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
logo
SHINMEI ELECTRIC CO., L...
RPK SHINMEI-RPK Datasheet
119Kb / 3P
   Automotive Relays for motor control
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com