Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCW6150 Datasheet(PDF) 6 Page - celduc-relais

Part # SMCW6150
Description  Solid State Relays For Motor Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMCW6150 Datasheet(HTML) 6 Page - celduc-relais

Back Button SMCW6150 Datasheet HTML 2Page - celduc-relais SMCW6150 Datasheet HTML 3Page - celduc-relais SMCW6150 Datasheet HTML 4Page - celduc-relais SMCW6150 Datasheet HTML 5Page - celduc-relais SMCW6150 Datasheet HTML 6Page - celduc-relais SMCW6150 Datasheet HTML 7Page - celduc-relais SMCW6150 Datasheet HTML 8Page - celduc-relais SMCW6150 Datasheet HTML 9Page - celduc-relais SMCW6150 Datasheet HTML 10Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
celduc
®
r
e
l
a
i
s
S/MOT/SMCW6150/A/22/07/99
1W240020
Page 6/16
Solid State Relays
For Motor Control
POWER
INTERNAL SUPPLY ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Concerned Terminals
3L2 & 5L3
Voltage Range
Ue
200->480VAC
Consumption
Is
1mA typical
Frequency Range
f
40-65Hz
Turn-on Time
tm
100ms
See internal
diagram fig. 1
page 2
POWER SIDE CHARACTERISTICS
CHARACTERISTICS
LABELS
VALUES
(Given at 40°C ambient unless otherwise specified)
REMARKS
Concerned Terminals
1L1, 2T1, 3L2, 4T2, 5L3, 6T3
Max Power Of The Motor
@400VAC Star Wiring (Y)
Pn
15kW
Max Power Of The Motor
@230VAC Star Wiring (Y)
Pn
8.6kW
Max Power Of The Motor
@400VAC Delta Wiring (D)
Pn
26kW
Device wired
inside the delta
Max Power Of The Motor
@230VAC Delta Wiring (D)
Pn
15kW
Device wired
inside the delta
Nom. Operating Voltage
Uen
230VAC & 400VAC
Operating Voltage Range
Ue
200->480VAC
Max. Non-repetitive Peak Voltage
Uep
1200V
Integrated Overvoltage Protection
Yes
510V size 14 varistors
See curves
fig. 16 & 17
page 7
AC53a Nom. Current according to
EN60947-4-2 (Induction Motor)
Ie
(AC53a)
22.5A
Hard conditions
See curve
fig. 15 page 7
AC53a Max. Permanent Current
(Induction Motor)
Ie
(AC53a)
30A
Normal
conditions
See curve
fig. 15 page 7
Max. AC1 Permanent Current
(Resistive Loads)
Ith
(AC1)
50A
(65A if the wire cross-section is doubled
for each power terminal)
E.g. softstarting
lamps
Non-repetitive Peak Overload
Current (1 cycle of 10ms)
ITSM
2000A
See Curve
fig. 14 page 7
Fusing Limit Current For Choosing
The Protecting Fuses
I
2t
20000A
2s
@10ms
Min. Load Current
Iemin
100mA
Max. Leakage Current
Ilk
7mA
@400VAC50Hz
Power Factor
Pf
0->1
Operating Mains Frequency Range
F
40->65Hz
Off-state Dv/Dt
dv/dt
500V/µs
Integrated Transient Voltage
Protection
YES
RC network
Max. Current Rising Time
di/dt
50A/µs
Direct Voltage Drop
Ud
1.4V
@Ith
Resistive Part
Of The Direct Voltage Drop
rt
2m
@125°C
Threshold Part
Of The Direct Voltage Drop
Vto
0.9V
@125°C
Max. Junction Temperature
Tjmax
125°C
Junction/Plate Thermal Resistance
Per Power Element
Rthjc
0.25°K/W
Total = 3 power
elements
Plate/Heatsink Thermal Resistance
Rthcs
0.05°K/W
Vertically Mounted Heatsink
Thermal Resistance
Rthra
0.3°K/W
@
Tra=60°C
Heatsink Thermal Time Constant
Tthra
15min
@
Tra=60°C


Similar Part No. - SMCW6150

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
More results

Similar Description - SMCW6150

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6110 CELDUC-SMCW6110 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
logo
SHINMEI ELECTRIC CO., L...
RPK SHINMEI-RPK Datasheet
119Kb / 3P
   Automotive Relays for motor control
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com