Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-P83X Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-P83X
Description  PROGRAMMABLE CLOCK OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-P83X Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-P83X Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
51
* Inclusive of 25˚C tolerance, operating temperature range, input voltage change, load change aging, shock and vibration.
ECS-P83X (3.3V)
ECS-P85X (5V)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
FREQUENCY RANGE
1.000
125.000
1.000
150.000
MHz
Option A
±100
±100
PPM
FREQUENCY STABILITY*
Option B
±50
±50
PPM
Standard
0
+70
0
+70
˚C
OPERATING TEMPERATURE
Extended (Option N)
-40
+85
-40
+85
˚C
STORAGE TEMPERATURE
-55
+125
-55
+125
˚C
INPUT VOLTAGE (Vcc)
+2.97
+3.3
+3.63
+4.5
+5.0
+5.5
VDC
INPUT CURRENT
28
45
mA
OUTPUT SYMMETRY
at 1/2 Vcc LEVEL
40/60
60/40
40/60
60/40
%
RISE AND FALL TIMES
20% Vcc to 80% Vcc
4
4
ns
1.0 ~ 33.0 MHz
±100
±250
±100
±250
pS
JITTER
> 33.1 MHz
±50
±100
±50
±100
pS
“0” LEVEL
0.4
0.4
VDC
“1” LEVEL
2.7
Vcc - 0.5
VDC
1.0 ~ 50.0 MHz
30
50
pF
LOAD (HCMOS)
> 50.1 MHz
15
15
pF
ENABLE/DISABLE TIME
150
100
ns
START-UP TIME
10
10
ms
PIN CONNECTIONS
#1
TRI-STATE
#4
GND
#5
OUTPUT
#8
VCC
ECS-P83X (3.3V) TRI-STATE CONTROL VOLTAGE
PIN #1 = OPEN
#3 = OUTPUT
PIN #1 = +0.7V MIN
#3 = OUTPUT
PIN #1 = +0.2V MAX
#3 = HIGH IMPEDANCE
ECS-P85X (5V) TRI-STATE CONTROL VOLTAGE
PIN #1 = OPEN
#3 = OUTPUT
PIN #1 = +2.0V MIN
#3 = OUTPUT
PIN #1 = +0.8V MAX
#3 = HIGH IMPEDANCE
0.5
7.62
1
4
8
5
13.2 max
Figure 1) Side, Bottom and Top views
FEATURES
• Programmable (2 time)
• 3.3V & 5V options
• PLL technology
• 8 pin DIP footprint
• Extended temp range
• PbFree/RoHS Compliant
ECS-P83X/P85X
PROGRAMMABLE CLOCK OSCILLATOR
The ECS-P83X (3.3V) and ECS-P85X (5V)
8 pin dip DIP is a twice programmable
crystal controlled oscillator. The standard
8 pin DIP footprint is ideal for existing
PC boards.
PART NUMBERING GUIDE “EXAMPLE”
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)
Sample Part Number: ECS-P83X-16.312-AN
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
PART NUMBER
SERIES
FREQUENCY MHz)
STABILITY
EXTENDED TEMP (OPTION)
ECS
P83X
16.312
A
N


Similar Part No. - ECS-P83X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-P83X ECS-ECS-P83X Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
More results

Similar Description - ECS-P83X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Yuechung International ...
O-S7 YIC-O-S7 Datasheet
293Kb / 1P
   O-S7 Series : Programmable Crystal Clock Oscillator 7.0x5.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com