Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-LVDS33-1000-C-N Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-LVDS33-1000-C-N
Description  SMD LVDS OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-LVDS33-1000-C-N Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-LVDS33-1000-C-N Datasheet HTML 1Page - ECS, Inc. ECS-LVDS33-1000-C-N Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECS-LVDS25/LVDS33
SMD LVDS OSCILLATOR
ECS-LVDS25 (2.5V) and ECS-LVDS33 (3.3V) Low Voltage
Differential Signaling SMD LVDS oscillators.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-LVDS25 (+2.5V)
ECS-LVDS33 (+3.3V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
100Ω (Out-Outn)
12 KHz to 20 MHz band
at +25°C ±3°C
VOH
VOL
Pin 1 = VIL
at Crossing point
20% VDD to 80% level
Option C
Pin 1 open or VIH
Option A
Option B
VDD
Standard
Extended (N Option)
Enable/Startup time
RMS Jitter
Aging (first year)
Disable delay time
"1" level
"0" level
Input Current
Stand-by Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
Differential output voltage
Offset voltage
80.0
80.0
0
-40
-50
+2.375
MHz
°C
°C
°C
VDC
ppm
ppm
ppm
mA
µA
%
ns
V
V
V
V
ns
ms
ps
ppm
300.0
+70
+85
+125
+2.625
± 100
+1.10
+1.43
0.33
+3.3
+1.10
+1.43
0.33
0
30
30
+70
+85
+125
+3.465
± 100
± 50
± 25
70
45/55
1
300.0
± 5
-40
-50
+3.135
1
200
10
1
1.25
1.25
200
10
± 50
± 25
70
45/55
1
± 5
DIMENSIONS (mm)
Note: Internal crystal oscillation to be halted
(Pin #1=VIL)
Figure 1) Top, Side and Bottom views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-LVDS25-1000-A
Pin Connections
Tri-State Control Voltage
Pin #1
Pin #5
Pin #6
Pin #2
Pin #3
Pin #4
Pad 1
Open
VIH 70% VDD Min
VIL 30% VDD Max
Oscillation
No Oscillation
Oscillation
Pad 4 & 5
LVDS
7 x 5 mm Footprint
Low Jitter
Pb Free/RoHS Compliant
ECS
-
Series
-
Frequency Abbreviation -
Stability
-
Temperature
LVDS25 = +2.5V
LVDS33 = +3.3V
1000 = 100.000 MHz
See Frequency
Abbreviations (Pg 2)
A = ± 100 ppm
B = ± 50 ppm
C = ± 25 ppm
Blank = 0 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
Tri-State
N.C.
Ground
Output
C-Output
VDD
+2.5


Similar Part No. - ECS-LVDS33-1000-C-N

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-LVDS25-1250-A ECS-ECS-LVDS25-1250-A Datasheet
226Kb / 2P
   ECS-LVDS25 (2.5V) and ECS-LVDS33 (3.3V) Low Voltage Differential Signaling SMD LVDS oscillators
More results

Similar Description - ECS-LVDS33-1000-C-N

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O3LS FOX-O3LS Datasheet
211Kb / 3P
   3.2x2.5mm SMD LVDS Oscillator
O5LS FOX-O5LS Datasheet
265Kb / 4P
   5.0x3.2mm SMD LVDS Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
logo
CRYSTEK CORPORATION
CCLD-033 CRYSTEKMICROWAVE-CCLD-033 Datasheet
319Kb / 3P
   5횞7mm SMD LVDS Clock Oscillator
logo
List of Unclassifed Man...
CCLD-033 ETC2-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
logo
Jauch Quartz Gmbh
JOD75-3.3V JAUCH-JOD75-3.3V Datasheet
178Kb / 2P
   SMD Low Voltage LVDS Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0018A TAI-SAW-TS0018A Datasheet
406Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0021A TAI-SAW-TS0021A Datasheet
412Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com