Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKA21440 Datasheet(PDF) 2 Page - celduc-relais

Part # SKA21440
Description  SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SKA21440 Datasheet(HTML) 2 Page - celduc-relais

  SKA21440 Datasheet HTML 1Page - celduc-relais SKA21440 Datasheet HTML 2Page - celduc-relais SKA21440 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Caractéristiques de sortie (à 20
°C) / Output characteristics(20
°C)
Types / Models
AC OUPUT
Modèles / References
SKA..420
SKA..421
SKA..440
SKA..441
Paramètre / Parameter
Unit
Types
Synchrone
Asynchrone
Synchrone
Asynchrone
/ Models
Zero Cross
Random
Zero Cross
Random
Tension nominale / Nominal voltage
230
230
400
400
VRMS
Plage tension de fonctionnement / Operating range
12 à/to 275 12 à/to 275
12 à/to 460 12 à/to 460
VRMS
Tension crête (écrêteur de surtension) /Peak voltage (clamping voltage)
600 (450)
600 (450)
900 (720)
900 (720)
VPEAK
Niveau de synchonisation / Synchronizing level
± 12
-
± 12
-
V
Courant nominal (voir les caractéristiques thermiques)
/ Nominal current (see thermal curves)
4
4
4
4
ARMS
Courant de surcharge accidentel admissible maximum (10ms) :
/ Maximum accidental overload current (10ms) : ITSM
100
100
100
100
APEAK
Chute tension directe (In) / On state voltage drop (IN)
1,6
1,6
1,6
1,6
VPEAK
Courant de fuite état bloqué (@Un/50Hz)
/ Off state leakage current (@Un/50Hz)
0,3
0,3
0,3
0,3
mARMS
Courant de charge minimum / Minimum load current
5
5
5
5
mARMS
Courant de maintien / Holding current
50
50
100
100
mA
Temps de fermeture (50Hz) / Turn on time (50Hz)
10
0,1
10
0,1
ms
Temps d'ouverture (50Hz) / Turn off time (50Hz)
10
10
10
10
ms
Fréquence d'utilisation / Operating frequency
10 à/to 440 10 à/to 440 10 à/to 440 10 à/to 440
Hz
dv/dt état bloqué / Off state dv/dt
500
500
500
500
V/
µs
I2t (<10ms)
50
50
50
50
A
2s
di/dt non répétitif / No repetitive di/dt
20
20
20
20
A/
µs
Homologation / Approval
UL-VDE
Température ambiante (°C) / Ambient temperature (°C)
010
20304050
60
70
8090100
1
2
3
4
5
6
0
Tension de commande/ Input voltage <10VDC sans/without LED
Autres tensions de commande ; autres modèles
/Other input voltages ; other models
Fig.2 Caractéristiques thermiques / thermal curves :
page 2 / 3 F/GB
S/MOD/SKA-0001/B/06/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc


Similar Part No. - SKA21440

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
celduc-relais
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20461 CELDUC-SKA20461 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
logo
Mean Well Enterprises C...
SKA20A-05 MEANWELL-SKA20A-05 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20A-05 MEANWELL-SKA20A-05 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
More results

Similar Description - SKA21440

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
   Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
   Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
   Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
   Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
   Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
   Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
   Solid State Relay for printed circuit board
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKL10220 CELDUC-SKL10220 Datasheet
202Kb / 3P
   Solid State Relay for printed circuit board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com