Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT12N50 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOT12N50
Description  500V, 12A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT12N50 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOT12N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT12N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT12N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT12N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT12N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT12N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOT12N50/AOTF12N50
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
tt r
d(on)
t
on
t
d(off)
t f
toff
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode RecoveryTest Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
trr
AR
AR
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT12N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOT12N50 AOSMD-AOT12N50 Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT12N50 VBSEMI-AOT12N50 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT12N50 ISC-AOT12N50 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT12N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOW12N50 AOSMD-AOW12N50 Datasheet
287Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
Unisonic Technologies
12N50_1112 UTC-12N50_1112 Datasheet
167Kb / 6P
   12A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
logo
First Components Intern...
FMDT12N500 FCI-FMDT12N500 Datasheet
188Kb / 5P
   12A 500V N-Channel Polar HVTM Power MOSFET
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com