Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP1130XG1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP1130XG1
Description  Photo Modules for PCM Remote Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1130XG1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP1130XG1 Datasheet HTML 1Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 2Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 3Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 4Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 5Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 6Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 7Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 8Page - Vishay Siliconix TSOP1130XG1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSOP11..XG1
Vishay Telefunken
1 (9)
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82146
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1130XG1
30 kHz
TSOP1133XG1
33 kHz
TSOP1136XG1
36 kHz
TSOP1137XG1
36.7 kHz
TSOP1138XG1
38 kHz
TSOP1140XG1
40 kHz
TSOP1156XG1
56 kHz
Description
The TSOP11..XG1 – series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
operation with short burst transmission codes (e.g.
RECS 80) and high data rates.
GND
VS
OUT
96 12595
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
Special Features
D Enhanced data rate of 2400 bit/s
D Operation with short bursts possible
(
≥6 cycles/burst)
Block Diagram
94 8136
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
1
2
3
VS
OUT
GND


Similar Part No. - TSOP1130XG1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1130 VISHAY-TSOP1130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 29-Mar-01
TSOP1130CB1 VISHAY-TSOP1130CB1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 29-Mar-01
TSOP1130GL1 VISHAY-TSOP1130GL1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 29-Mar-01
TSOP1130KA1 VISHAY-TSOP1130KA1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 29-Mar-01
TSOP1130KA1 VISHAY-TSOP1130KA1 Datasheet
206Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 9, 15-Oct-2002
More results

Similar Description - TSOP1130XG1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com