Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-5725-200-C-T Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-5725-200-C-T
Description  SMD CLOCK OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-5725-200-C-T Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-5725-200-C-T Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-5718/5725
SMD CLOCK OSCILLATOR
ECS-5718 (1.8V) and ECS-5725 (2.5V) miniature SMD
oscillators. Ideal for today's high density applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-5718 (+1.8V)
ECS-5725 (+2.5V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
HCMOS
VOH
VOL
@ 50% VDD level
@ 50% VDD level (T Option)
10% VDD to 90% level
Option C
1.000 to 23.999 MHz
24.000 to 49.999 MHz
50.000 to 69.999 MHz
70.000 to 125.000 MHz
Option A
Option B
VDD
Standard
Extended (N Option)
Startup/Enable time
Aging
Disable delay time
"1" level
"0" level
Input Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
1.000
1.000
0
-40
-55
+1.62
90% VDD
90% VDD
90% VDD
MHz
°C
°C
°C
VDC
ppm
ppm
ppm
mA
mA
mA
mA
%
%
ns
VDC
VDC
pF
ns
ms
ppm
125.0
+70
+85
+125
+1.98
± 100
+2.5
0
90% VDD
+70
+85
+125
+2.75
± 100
± 50
± 25
12
15
20
30
45/55
40/60
45/55
6
125.0
30
150
± 5
10
-40
-55
+2.25
± 50
± 25
10
12
15
25
40/60
5
10% VDD
10% VDD
30
150
10
± 5
DIMENSIONS (mm)
* Note: Inclusive of 25°C tolerance, operating temperature,input voltage change, load change, shock and vibration.
Figure 1) Top, Side and Bottom views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-5725-200-BN
Pin Connections
Tri-State Control Voltage
Pin #1
Pin #2
Pin #3
Pin #4
Pad 1
Open
1 Level
0 Level
Oscillation
No Oscillation
Oscillation
Pad 3
Low Voltage HCMOS
7 x 5 mm Footprint
Low current consumption
Pb Free/RoHS Compliant
ECS
-
Series
-
Frequency Abbreviation
-
Stability
Temperature
-
Symmetry
5718 = +1.8V
5725 = +2.5V
200 = 20.000 MHz
See Frequency
Abbreviations.
A = ± 100 ppm
B = ± 50 ppm
C = ± 25 ppm
Blank = 0 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
Blank = 40/60 (Std)
T = 45/55
Tri-State
Ground
Output
VDD
+1.8


Similar Part No. - ECS-5725-200-C-T

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-50-S-5PX-TR ECS-ECS-50-S-5PX-TR Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECS-500 ECS-ECS-500 Datasheet
107Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
ECS-500-144-B ECS-ECS-500-144-B Datasheet
107Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
ECS-500X ECS-ECS-500X Datasheet
144Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
ECS-500X-144-B ECS-ECS-500X-144-B Datasheet
144Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
More results

Similar Description - ECS-5725-200-C-T

ManufacturerPart #DatasheetDescription
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
   SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS Datasheet
194Kb / 2P
   SMD CLOCK OSCILLATOR
logo
RSG Electronic Componen...
CXO5032T3 RSG-CXO5032T3 Datasheet
44Kb / 1P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
   SMD CLOCK OSCILLATOR
logo
TEMEX
RMF2520S TEMEX-RMF2520S Datasheet
495Kb / 7P
   SMD Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com