Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ECS-2100 Datasheet(PDF) 1 Page - ECS, Inc.

Part No. ECS-2100
Description  8 PIN DIP CLOCK OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ECS [ECS, Inc.]
Homepage  http://www.ecsxtal.com
Logo 

ECS-2100 Datasheet(HTML) 1 Page - ECS, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
OSCILLATORS
OSCILLATORS
* Inclusive of 25˚C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
The ECS-2100 Series clock oscillator offers
low current drain and is compatible with
HCMOS/TTL logic. The metal package with
pin #4 case ground acts as a shielding to
minimize radiation.
FEATURES
• HCMOS/TTL logic compatible
• Wide frequency range
• Low power consumption
• Resistance weld package
• 3.3V operation (optional)
ECS-2100 SERIES
8 PIN DIP CLOCK OSCILLATOR
PART NUMBERING GUIDE
PART NUMBER *
FREQUENCY STABILITY
ECS-2100A
±100 PPM
ECS-2100B
±50 PPM
ECS-2100C
±25 PPM
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
* Complete part number to include frequency. i.e. ECS-2100A-100 (100 = 10.000MHz)
PACKAGE DIMENSIONS (mm)
PARAMETERS
FREQUENCY RANGE
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE (fo)
1.000 ~ 150.000
1.000
150.000
MHz
OPERATING TEMP. RANGE (TOPR)
1.000 ~ 150.000
0
+70
˚C
STORAGE TEMP. RANGE (TSTG)
1.000 ~ 150.000
-55
+125
˚C
FREQUENCY STABILITY
1.000 ~ 150.000
All conditions*
-100
+100
PPM
1.000 ~ 25.000
17
25
mA
25.000 ~ 50.000
33
46
mA
50.000 ~ 80.000
45
77
mA
INPUT CURRENT (IDD)
80.000 ~ 150.000
67
82
mA
1.000 ~ 80.000
50% VDD level
45
50 ±3
55
%
OUTPUT SYMMETRY
80.000 ~ 150.000
50% VDD level
40
50 ±3
60
%
RISE TIME (TR)
1.000 ~ 150.000
10% ~ 90% VDD level
5
nS
FALL TIME (TF)
1.000 ~ 150.000
90% ~ 10% VDD level
5
nS
1.000 ~ 150.000
IOL = 16 mA
0.5
V
OUTPUT VOLTAGE
(VOH)
1.000 ~ 150.000
IOH = -16 mA
4.5
V
1.000 ~ 100.000
VOL = 0.5 V
16
mA
OUTPUT CURRENT
(IOH)
1.000 ~ 150.000
VOH = 4.5 V
-16
mA
1.000 ~ 150.000
TTL
10
TTL
1.000 ~ 80.000
HCMOS
50
pF
OUTPUT LOAD
80.000 ~ 150.000
HCMOS
30
pF
START-UP TIME (TS)
1.000 ~ 150.000
0.0V TO 5.0V
10
mS
SUPPLY VOLTAGE (VDC)
+5.0 ±0.25
VDC
(VOL)
(IOL)
0.5
7.62
14
8
5
13.2 max
Figure 1) ECS-2100 Series – Side, Bottom
and Top views
Figure 2) TTL Output Wave Form
Figure 3) HCMOS Output Wave Form
0 VDC
40% min
60% max
90% VDD DC
1 LEVEL
0 LEVEL
TR
TF
10% VDD DC
50% VDD DC
0 VDC
40% min
60% max
0.4VDC (0.5VDC)
2.4VDC
1 LEVEL
0 LEVEL
1.4VDC
TR
TF
PIN CONNECTIONS
#1
NC
#4
GROUND
#5
OUTPUT
#8
+5V DC


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn