Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZM-2166Z Datasheet(PDF) 9 Page - SIRENZA MICRODEVICES

Part # SZM-2166Z
Description  2.3-2.7GHz 2W Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SZM-2166Z Datasheet(HTML) 9 Page - SIRENZA MICRODEVICES

Back Button SZM-2166Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 10Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 11Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 12Page - SIRENZA MICRODEVICES SZM-2166Z Datasheet HTML 13Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
9
EDS-105683 Rev B
Preliminary
SZM-2166Z 2.3-2.7GHz 2W Power Amp
Measured 2.4-2.5 GHz Application Circuit Data (Vcc = Vpc = 6.0V, Iq = 632mA, T=25C)
RF Power Detector (Vdet) vs Pout, F=2.5GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
18
20
22
24
26
28
30
32
34
36
Pout(dBm)
-40C
+25C
+85C
Noise Figure vs Frequency, T=+25C
7.4
7.5
7.6
7.7
7.8
7.9
8
2.4
2.412.42
2.432.442.452.462.47
2.482.49
2.5
Frequency(GHz)
Broadband S11 -Input Return Loss, F=2.4-2.5GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
4
5
6
Frequency(GHz)
-40C
+25C
+85C
Broadband S21 - Forward Gain, F=2.4-2.5GHz
10
15
20
25
30
35
40
45
01
234
56
Frequency(GHz)
-40C
+25C
+85C
Broadband S22 - Output Return Loss, F=2.4-2.5GHz
-25
-20
-15
-10
-5
0
01
23
4
5
6
Frequency(GHz)
-40C
+25C
+85C
2.4-2.5GHz 20dB Step Attenuator Gain Delta vs Temp.
Attenuator Enabled VPC2=0V
20
22
24
26
28
30
32
34
2.4
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
Frequency(GHz)
T=-40c
T=+25c
T=+85c


Similar Part No. - SZM-2166Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results

Similar Description - SZM-2166Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
   2W Power Amplifier
logo
Intersil Corporation
HFA3926 INTERSIL-HFA3926 Datasheet
69Kb / 7P
   2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com