Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2050HVCS5-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2050HVCS5-TR
Description  Zero-Drift Operational Amplifi ers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050HVCS5-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2050HVCS5-TR Datasheet HTML 2Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 3Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 4Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 5Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 6Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 7Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 8Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 9Page - Linear Technology LTC2050HVCS5-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2050/LTC2050HV
6
2050fb
ELECTRICAL CHARACTERISTICS (LTC2050HV) The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V unless otherwise noted. (Note 3)
PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
(Note 2)
±0.5
±3
±0.5
±3
μV
Average Input Offset Drift
(Note 2)
l
±0.03
±0.05
μV/°C
Long-Term Offset Drift
50
50
nV/√mo
Input Bias Current (Note 4)
l
±25
±125
±300
±25
±125
±4000
pA
pA
Input Offset Current (Note 4)
l
±250
±500
±250
±1000
pA
pA
Input Noise Voltage
RS = 100Ω, 0.01Hz to 10Hz
1.5
1.5
μVP-P
Common Mode Rejection Ratio
VCM = Vto (V+ – 1.3)
VCM = Vto (V+ – 1.3)
l
120
115
130
130
120
115
130
130
dB
dB
Power Supply Rejection Ratio
VS = 2.7V to 11V
l
120
115
130
130
120
115
130
130
dB
dB
Large-Signal Voltage Gain
RL = 10k
125
120
140
140
125
120
140
140
dB
dB
Maximum Output Voltage Swing
RL = 2k to GND
RL = 10k to GND
l
l
±4.75
±4.90
±4.94
±4.98
±4.50
±4.85
±4.94
±4.98
V
V
Slew Rate
2
2
V/μs
Gain Bandwidth Product
3
3
MHz
Supply Current
VSHDN = VIH, No Load
VSHDN = VIL
l
l
1
1.5
25
1
1.6
25
mA
μA
Shutdown Pin Input Low Voltage (VIL)
l
V+ 0.5
V+ 0.5
V
Shutdown Pin Input High Voltage (VIH)
l
V+ – 0.5
V+ – 0.5
V
Shutdown Pin Input Current
VSHDN = V
l
–3
–20
–3
–20
μA
Internal Sampling Frequency
7.5
7.5
kHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurements of these voltage levels during automated testing.
Note 3: All versions of the LTC2050 are designed, characterized and
expected to meet the extended temperature limits of – 40°C and 125°C.
The LTC2050C/LTC2050HVC are guaranteed to meet the temperature limits
of 0°C and 70°C. The LTC2050I/LTC2050HVI are guaranteed to meet the
temperature limits of –40°C and 85°C. The LTC2050H/LTC2050HVH are
guaranteed to meet the temperature limits of –40°C and 125°C.
Note 4: The bias current measurement accuracy depends on the proximity
of the supply bypass capacitor to the device under test, especially at ±5V
supplies. Because of testing limitations on the placement of this bypass
capacitor, the bias current at ±5V supplies is guaranteed by design to meet
the data sheet limits, but tested to relaxed limits.


Similar Part No. - LTC2050HVCS5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050HV LINER-LTC2050HV Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
Analog Devices
LTC2050HV AD-LTC2050HV Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
logo
Linear Technology
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
More results

Similar Description - LTC2050HVCS5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com