Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSMF3700 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TSMF3700
Description  GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF3700 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSMF3700 Datasheet HTML 1Page - Vishay Siliconix TSMF3700 Datasheet HTML 2Page - Vishay Siliconix TSMF3700 Datasheet HTML 3Page - Vishay Siliconix TSMF3700 Datasheet HTML 4Page - Vishay Siliconix TSMF3700 Datasheet HTML 5Page - Vishay Siliconix TSMF3700 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 81032
Rev. 1.4, 08-Mar-05
TSMF3700
Vishay Semiconductors
Package Dimensions in mm
Figure 9. Relative Radiant Power vs. Wavelength
820
870
0
0.25
0.5
0.75
1.0
1.25
920
15821
IF = 100 mA
- Wavelength ( nm )
λ
Figure 10. Relative Radiant Intensity vs. Angular Displacement
0.4
0.2
0
0.2
0.4
0.6
94 8013
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
95 11314
Mounting Pad Layout
3.5 ± 0.2
Pin identification
∅ 2.4
3
+ 0.15
1.2
1.6 (1.9)
4
area covered with
solder resist
Dimensions: IR and Vaporphase
(Wave Soldering)
technical drawings
according to DIN
specifications
Drawing-No. : 6.541-5025.01-4
Issue: 7; 05.04.04
CA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn