Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMF3700 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSMF3700
Description  GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF3700 Datasheet(HTML) 6 Page - Vishay Siliconix

  TSMF3700 Datasheet HTML 1Page - Vishay Siliconix TSMF3700 Datasheet HTML 2Page - Vishay Siliconix TSMF3700 Datasheet HTML 3Page - Vishay Siliconix TSMF3700 Datasheet HTML 4Page - Vishay Siliconix TSMF3700 Datasheet HTML 5Page - Vishay Siliconix TSMF3700 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
Vishay
Document Number: 91000
www.vishay.com
Revision: 08-Apr-05
1
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc.,
or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's
terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness
for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify Vishay for any damages resulting from such improper use or sale.


Similar Part No. - TSMF3700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSMF3710-GS08 VISHAY-TSMF3710-GS08 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSMF3710-GS18 VISHAY-TSMF3710-GS18 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
More results

Similar Description - TSMF3700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 06-Jun-03
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 20-May-99
logo
Unity Opto Technology
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
   GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
logo
TEMIC Semiconductors
TSSP4400 TEMIC-TSSP4400 Datasheet
108Kb / 5P
   GaAs/GaAlAs Infrared Emitting Diode in Sideview Package
logo
KODENSHI_AUK CORP.
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
   Infrared Emitting Diode(GaAlAs)
logo
Opnext. Inc.
HE7601SG OPNEXT-HE7601SG Datasheet
187Kb / 6P
   GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG_06 Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8812SG OPNEXT-HE8812SG Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG Datasheet
186Kb / 6P
   GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811 Datasheet
186Kb / 6P
   GaAlAs Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com