Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2050HVIS6-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2050HVIS6-PBF
Description  Zero-Drift Operational Amplifi ers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050HVIS6-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2050HVIS6-PBF Datasheet HTML 4Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 5Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 6Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 7Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 8Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 9Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 10Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 11Page - Linear Technology LTC2050HVIS6-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2050/LTC2050HV
8
2050fb
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
(LTC2050HV)
Transient Response
Input Overload Recovery
Sampling Frequency
vs Supply Voltage
Sampling Frequency
vs Temperature
Supply Current vs Supply Voltage
Supply Current vs Temperature
INPUT COMMON MODE VOLTAGE (V)
0
3
5
2050 G13
12
4
160
140
120
100
80
60
40
20
0
VS = 5V
VS = 3V
INPUT COMMON MODE VOLTAGE (V)
60
50
40
30
20
10
0
–10
2050 G15
–5
–3
–1
1
3
5
VS = ±5V
VS = 5V
VS = 3V
SUPPLY VOLTAGE (V)
2.5
5
6
7
3.5
3.0
4.5
4.0
5.0
5.5
2050 G09
8
9
10
6.0
TA = 25°C
TEMPERATURE (°C)
–50
10
9
8
7
6
5
0
50
75
2050 G10
–25
25
100
125
VS = 5V
SUPPLY VOLTAGE (V)
24
6
8
10
1.2
1.0
0.8
0.6
0.4
0.2
0
2050 G11
TA = 25°C
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
2050 G12
–25
25
100
125
VS = 3V
VS = 5V
1μs/DIV
0.5/DIV
2050 G07
AV = 1
RL = 100k
CL = 50pF
VS = 5V
500μs/DIV
INPUT (V)
OUTPUT (V)
–0.2
1.5
0
0
2050 G08
AV = –100
RL = 100k
CL = 10pF
VS = ±1.5V


Similar Part No. - LTC2050HVIS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050HV LINER-LTC2050HV Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
Analog Devices
LTC2050HV AD-LTC2050HV Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
logo
Linear Technology
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
More results

Similar Description - LTC2050HVIS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com