Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1998CS6-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1998CS6-PBF
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC1998CS6-PBF Datasheet HTML 1Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 2Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 3Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 4Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 5Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 6Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 7Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 8Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1998
2
1998fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (BATT or VLOGIC to GND)............6V
Voltage
VTH.A, VH.A ....................... BATT + 0.3V to GND – 0.3V
BATTLO..........................VLOGIC + 0.3V to GND – 0.3V
Operating Temperature Range (Note 3).... –40°C to 85°C
Specified Temperature Range (Note 4)
LTC1998C ............................................ –40°C to 85°C
LTC1998I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
6 BATTLO
5 VLOGIC
4 VH.A
BATT 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
GND 2
VTH.A 3
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1998CS6#PBF
LTC1998CS6#TRPBF
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1998IS6#PBF
LTC1998IS6#TRPBF
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1998CS6
LTC1998CS6#TR
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1998IS6
LTC1998IS6#TR
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC1998CS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998CS6 LINER-LTC1998CS6 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
More results

Similar Description - LTC1998CS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com