Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1998 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1998
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998 Datasheet(HTML) 4 Page - Linear Technology

  LTC1998_1 Datasheet HTML 1Page - Linear Technology LTC1998_1 Datasheet HTML 2Page - Linear Technology LTC1998_1 Datasheet HTML 3Page - Linear Technology LTC1998_1 Datasheet HTML 4Page - Linear Technology LTC1998_1 Datasheet HTML 5Page - Linear Technology LTC1998_1 Datasheet HTML 6Page - Linear Technology LTC1998_1 Datasheet HTML 7Page - Linear Technology LTC1998_1 Datasheet HTML 8Page - Linear Technology LTC1998_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1998
4
1998fa
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Supply Current vs
Supply Voltage
Quiescent Supply Current vs
Temperature
Threshold Voltage vs Threshold
Adjust Voltage
Available Hysteresis vs
Threshold Voltage
Threshold Voltage Error vs
Temperature
Input Current vs Temperature
SUPPLY VOLTAGE (V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1998 G01
TA = 25°C
VLOGIC = VBATT
VTH.A = 0V
VTH.A = 1.5V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
1998 G02
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VBATT = VLOGIC = 3V
VTH.A = 1.5V
THRESHOLD ADJUST VOLTAGE (V)
0
3.5
3.0
2.5
1998 G03
0.5
1.0
1.5
LOW BATTERY THRESHOLD VOLTAGE (V)
2.5
750
500
250
0
1998 G04
2.75
3.0
3.25
TEMPERATURE (°C)
–45
15
55
1998 G05
–25
–5
35
75
95
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VTH.A SET BY 1%
EXTERNAL R,
THRESHOLD = 3V
VTH.A =1V
THRESHOLD = 3V
VTH.A SHORTED
TO GROUND,
THRESHOLD = 2.5V
TEMPERATURE (°C)
35
0.1
1
100
1000
10000
55
75
85
125
1998 G06
10
45
65
95 105 115
VIN = 1.5V
VIN = 0.5V
VIN = 1V


Similar Part No. - LTC1998_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
More results

Similar Description - LTC1998_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com