Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSHA5203 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSHA5203
Description  GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA5203 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSHA5203 Datasheet HTML 1Page - Vishay Siliconix TSHA5203 Datasheet HTML 2Page - Vishay Siliconix TSHA5203 Datasheet HTML 3Page - Vishay Siliconix TSHA5203 Datasheet HTML 4Page - Vishay Siliconix TSHA5203 Datasheet HTML 5Page - Vishay Siliconix TSHA5203 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSHA520.
Vishay Telefunken
4 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81019
IF – Forward Current ( mA )
94 8007 e
103
101
102
104
100
0.1
1
10
1000
100
Figure 7. Radiant Power vs. Forward Current
–10
10
50
0
100
0
0.4
0.8
1.2
1.6
Tamb – Ambient Temperature ( °C )
140
94 8020 e
IF = 20 mA
Figure 8. Rel. Radiant Intensity\Power vs.
Ambient Temperature
780
880
l – Wavelength ( nm )
980
94 8000 e
0
0.25
0.5
0.75
1.0
1.25
IF = 100 mA
Fe(l)rel = Fe(l)/Fe(lp )
Figure 9. Relative Radiant Power vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
94 8008 e
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 10. Relative Radiant Intensity vs.
Angular Displacement


Similar Part No. - TSHA5203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA5203 VISHAY-TSHA5203 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSHA5203 VISHAY-TSHA5203 Datasheet
114Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 29-Jun-09
TSHA5203 VISHAY-TSHA5203 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA5203 VISHAY-TSHA5203 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5203 VISHAY-TSHA5203 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

Similar Description - TSHA5203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 3, 20-May-99
TSHA620 VISHAY-TSHA620 Datasheet
87Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
   GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSUS540 VISHAY-TSUS540 Datasheet
86Kb / 6P
   GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
Rev. 2, 20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
   GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
Rev. 2, 20-May-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com