Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1929IG-PG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1929IG-PG
Description  2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929IG-PG Datasheet(HTML) 4 Page - Linear Technology

  LTC1929IG-PG Datasheet HTML 1Page - Linear Technology LTC1929IG-PG Datasheet HTML 2Page - Linear Technology LTC1929IG-PG Datasheet HTML 3Page - Linear Technology LTC1929IG-PG Datasheet HTML 4Page - Linear Technology LTC1929IG-PG Datasheet HTML 5Page - Linear Technology LTC1929IG-PG Datasheet HTML 6Page - Linear Technology LTC1929IG-PG Datasheet HTML 7Page - Linear Technology LTC1929IG-PG Datasheet HTML 8Page - Linear Technology LTC1929IG-PG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1929/LTC1929-PG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
Op Amp Mode (LTC1929 Only)
30
200
nA
AOL
Open Loop DC Gain
Op Amp Mode; 0.7V
≤ VDIFFOUT < 10V
5000
V/mV
(LTC1929 Only)
VCM
Common Mode Input Voltage Range
Op Amp Mode (LTC1929 Only)
0
3
V
CMRROA
Common Mode Rejection Ratio
Op Amp Mode; 0V < VCM < 3V (LTC1929 Only)
70
90
dB
PSRROA
Power Supply Rejection Ratio
Op Amp Mode; 6V < VIN < 30V (LTC1929 Only)
70
90
dB
ICL
Maximum Output Current
Op Amp Mode; VDIFFOUT = 0V (LTC1929 Only)
10
35
mA
VO(MAX)
Maximum Output Voltage
Op Amp Mode; IDIFFOUT = 1mA (LTC1929 Only)
10
11
V
GBW
Gain-Bandwidth Product
Op Amp Mode; IDIFFOUT = 1mA (LTC1929 Only)
2
MHz
SR
Slew Rate
Op Amp Mode; RL = 2k (LTC1929 Only)
5
V/
µs
ELECTRICAL CHARACTERISTICS
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
Note 5: When the AMPMD pin is high (default for the LTC1929-PG), the
LTC1929 IC pins are connected directly to the internal op amp inputs.
When the AMPMD pin is low, internal MOSFET switches connect four
40k resistors around the op amp to create a standard unity-gain
differential amp.
Note 6: Minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1929CG: TJ = TA + (PD • 95°C/W)
Note 3: The LTC1929 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VEAIN.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Output Current
(Figure 13)
OUTPUT CURRENT (A)
0.1
100
80
60
40
20
0
1929 G01
1
10
100
VOUT = 2V
VEXTVCC = 0V
FREQ = 200kHz
VIN = 5V
VIN = 8V
VIN = 12V
VIN = 20V
OUTPUT CURRENT (A)
0.1
40
60
1929 G02
20
0
10
1
100
100
80
VIN = 12V
VOUT = 2V
FREQ = 200kHz
VEXTVCC = 5V
VEXTVCC = 0V
VIN (V)
5
100
90
80
70
60
50
1929 G03
10
15
20
VEXTVCC = 5V
IOUT = 20A
VOUT = 2V
VOUT = 1.6V
Efficiency vs Output Current
(Figure 13)
Efficiency vs VIN
(Figure 13)
The q denotes the specifications which apply over the full operating


Similar Part No. - LTC1929IG-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1929IG LINER-LTC1929IG Datasheet
233Kb / 24P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1929IG-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com