Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1922EG-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1922EG-1
Description  Synchronous Phase Modulated Full-Bridge Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1922EG-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC1922EG-1 Datasheet HTML 1Page - Linear Technology LTC1922EG-1 Datasheet HTML 2Page - Linear Technology LTC1922EG-1 Datasheet HTML 3Page - Linear Technology LTC1922EG-1 Datasheet HTML 4Page - Linear Technology LTC1922EG-1 Datasheet HTML 5Page - Linear Technology LTC1922EG-1 Datasheet HTML 6Page - Linear Technology LTC1922EG-1 Datasheet HTML 7Page - Linear Technology LTC1922EG-1 Datasheet HTML 8Page - Linear Technology LTC1922EG-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC1922-1
3
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VCC = 9.5V, CT = 180pF, TA = TMIN to TMAX unless other wise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
OSCT
Total Variation
VCC = 6.5V to 9.5V
q
236
277
319
kHz
OSCV
CT RAMP Amplitude
Measured on CT
3.6
3.85
4.2
V
OSYT
SYNC Threshold
Measured on SYNC
1.6
1.8
2.2
V
OSYW
Minimum SYNC Pulse Width
Measured at Outputs (Note 2)
6
ns
OSYWX
Maximum SYNC Pulse Width
Measured on Outputs, CT = 180pF
1.3
µs
OSOP
SYNC Output Pulse Width
Measured on SYNC, RSYNC = 5.1k
170
ns
Error Amplifier
VFB
FB Input Voltage
COMP = 2.5V (Note 3)
1.179
1.204
1.229
V
FBI
FB Input Range
Measured on FB (Note 4)
–0.3
2.5
V
AVOL
Open-Loop Gain
COMP = 1V to 3V (Note 3)
70
90
dB
IIB
Input Bias Current
COMP = 2.5V (Note 3)
5
50
nA
VOH
Output High
Load on COMP = –100
µA
4.7
4.92
V
VOL
Output Low
Load on COMP = 100
µA
0.18
0.4
V
ISOURCE
Output Source Current
COMP = 2.5V
– 400
– 800
µA
ISINK
Output Sink Current
COMP = 2.5V
3
7
mA
Reference
VREF
Initial Accuracy
TA = 25°C, Measured on VREF
4.925
5
5.075
V
REFTV
Total Variation
Line, Load and Temperature
q
4.9
5
5.1
V
REFLD
Load Regulation
Load on VREF = 100µA to 5mA
2
15
mV
REFLN
Line Regulation
VCC = 6.5V to 9.5V
0.1
10
mV
REFSC
Short-Circuit Current
VREF Shorted to GND
18
30
45
mA
Outputs
OUTH(X)
Output High Voltage
IOUT(X) = –50mA
7.9
8.4
V
OUTL(X)
Output Low Voltage
IOUT(X) = 50mA
0.6
1
V
RHI(X)
Pull-Up Resistance
IOUT(X) = –50mA to –10mA
22
30
RLO(X)
Pull-Down Resistance
IOUT(X) = –50mA to –10mA
12
20
tr(X)
Rise Time
COUT(X) = 50pF
5
15
ns
tf(X)
Fall Time
COUT(X) = 50pF
5
15
ns
Current Limit and Shutdown
CLPP
Pulse-by-Pulse Current Limit Threshold
Measured on CS
0.34
0.415
0.48
V
CLSD
Shutdown Current Limit Threshold
Measured on CS
0.55
0.64
0.73
V
SSI
Soft-Start Current
SS = 2.5V
7
12
17
µA
SSR
Soft-Start Reset Threshold
Measured on SS
0.7
0.4
0.1
V
FLT
FAULT Reset Threshold
Measured on SS
4.4
4.1
3.8
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: SYNC pulse width is valid from >20ns and <0.4 • (1/fOSC),
VSYNC = 0V to 5V.
Note 3: FB is driven by a servo loop amplifier to control VCOMP for these
tests.
Note 4: Set FB to –0.3V, 2.5 and insure that COMP does not phase invert.
Note 5: The LTC1922-1E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specification over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC1922-1I is guaranteed and tested
over the – 40
°C to 85°C operating temperature range.


Similar Part No. - LTC1922EG-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
More results

Similar Description - LTC1922EG-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
LTC3722-1 LINER-LTC3722-1 Datasheet
319Kb / 28P
   Synchronous Dual Mode Phase Modulated Full Bridge Controllers
LTC3722-1 LINER-LTC3722-1_15 Datasheet
347Kb / 28P
   Synchronous Dual Mode Phase Modulated Full Bridge Controllers
LTC3722-2 LINER-LTC3722-2_15 Datasheet
347Kb / 28P
   Synchronous Dual Mode Phase Modulated Full Bridge Controllers
logo
Microsemi Corporation
LX1570 MICROSEMI-LX1570 Datasheet
257Kb / 12P
   PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
logo
Texas Instruments
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com