Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6930HMS8-8.00-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6930HMS8-8.00-PBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930HMS8-8.00-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6930HMS8-8.00-PBF Datasheet HTML 4Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 5Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 6Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 7Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 8Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 9Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 10Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 11Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC6930-X.XX
10
6930fa
APPLICATIONS INFORMATION
Table 1. Frequency Setting and Available Frequencies
÷1
÷2
÷4
÷8
÷16
÷32
÷64
÷128
DIV Pin Settings
[DIVC][DIVB][DIVA]
000
001
010
011
100
101
110
111
LTC6930-4.19
4.194304MHz 2.097152MHz 1.048576MHz
524.288kHz
262.144kHz
131.072kHz
65.536kHz
32.768kHz
LTC6930-5.00
5.000MHz
2.500MHz
1.250MHz
625.0kHz
312.5kHz
156.25kHz
78.125kHz
39.0625kHz
LTC6930-7.37
7.3728MHz
3.6864MHz
1.8432MHz
921.6kHz
460.8kHz
230.4kHz
115.2kHz
57.6kHz
LTC6930-8.00
8.000MHz
4.000MHz
2.000MHz
1000kHz
500.0kHz
250.0kHz
125.0kHz
62.5kHz
LTC6930-8.19
8.192MHz
4.096MHz
2.048MHz
1024kHz
512.0kHz
256.0kHz
128.0kHz
64.0kHz
calculation for drift over 5 years at 30ppm/√kHr is as
follows:
5 years • 365.25 days/year • 24 hours/day = 43,830
hours = 43.830kHr
√43.830kHr = 6.62√kHr
6.62√kHr • 30ppm/√kHr = 0.0198% over 5 years.
Drift calculations assume that the part is in continuous
operation during the entire time period of the calculation.
The movement of ions which results in drift is usually aided
by electric fields in the operating parts, and the typical drift
spec applies while the part is powered up. Conservative
calculations would use a tenth of the drift specification for
time when power is not applied to the part.
Setting the Frequency
The output frequency of the LTC6930 is chosen from the
values in Table 1 and set using the DIV pins, as noted
in the table. Master oscillator frequency is preset in the
factory, and the DIV pins select an internal binary divider
of up to 128.
For example, if the desired oscillator output frequency
is 2.5MHz, finding 2.5MHz in Table 1 shows that the
LTC6930-5.00 should be ordered, having a master oscil-
lator frequency of 5MHz, and a DIV value of [001] should
be used. This would equate to grounding DIVC and DIVB,
while connecting DIVA to the positive supply. Frequencies
other than those shown in Table 1 may be requested.


Similar Part No. - LTC6930HMS8-8.00-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930HMS8-8.00-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com