Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6930HMS8-8.00-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6930HMS8-8.00-PBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930HMS8-8.00-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6930HMS8-8.00-PBF Datasheet HTML 2Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 3Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 4Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 5Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 6Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 7Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 8Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 9Page - Linear Technology LTC6930HMS8-8.00-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC6930-X.XX
6
6930fa
6930 G09
40ns/DIV
LTC6930-8.00
CLOAD = 12pF
0.45V/DIV
6930 G08
400kHz/DIV
10dB/DIV
TEMPERATURE (°C)
–45
4216 G07
5
55
105
700
600
100
200
400
300
500
0
3V, 8.192MHz
1.7V, 32kHz
CLOAD = 5pF
3V, 4.19MHz
LOAD CAPACITANCE (pF)
0
4216 G05
10
20
30
40
50
60
2000
1000
800
600
200
400
1800
1600
1200
1400
0
LTC6930-8.19
DIV = 1
DIV = 2
DIV = 4
DIV = 8
DIV = 16
DIV = 32
DIV = 64
DIV = 128
V+ = 3V
TA = 25°C
TEMPERATURE (°C)
–45
115 125
4216 G02
–25 –5
15
35
55
75
95
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
V+ = 3V
SUPPLY VOLTAGE (V)
1.7
4216 G06
2.2
2.7
3.2
3.7
4.2
4.7
5.2
1000
900
800
600
700
100
200
400
300
500
0
8.192MHz
DIVIDE = 1
TA = 25°C
4.194MHz
DIV SETTING (LOG)
1
10
100
600
8.192MHz, 3V
4.194MHz, 1.7V
500
400
300
200
100
0
6930 G04
4.194MHz, 3V
8.192MHz, 1.7V
TA = 25°C
SUPPLY VOLTAGE (V)
1.7
4216 G01
2.7
3.7
4.7
0.25
0.20
0.15
0.05
0.10
–0.20
–0.15
–0.05
–0.10
0
–0.25
8.19MHz
TA = 25°C
4.19MHz
TEMPERATURE (°C)
–45
115 125
4216 G03
–25 –5
15
35
55
75
95
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
V+ = 3V
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Supply Current vs
DIV Setting
Typical Supply Current vs
Load Capacitance
Typical Supply Current vs
Supply Voltage
Typical Supply Current vs
Temperature
Typical Output Spectrum, 8MHz
Typical Output Waveform, 8MHz
Typical Frequency Error vs
Supply Voltage
Frequency Error vs Temperature,
MS8 Package
Frequency Error vs Temperature,
DFN Package


Similar Part No. - LTC6930HMS8-8.00-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930HMS8-8.00-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com