Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1772BIS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1772BIS6
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772BIS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1772BIS6 Datasheet HTML 6Page - Linear Technology LTC1772BIS6 Datasheet HTML 7Page - Linear Technology LTC1772BIS6 Datasheet HTML 8Page - Linear Technology LTC1772BIS6 Datasheet HTML 9Page - Linear Technology LTC1772BIS6 Datasheet HTML 10Page - Linear Technology LTC1772BIS6 Datasheet HTML 11Page - Linear Technology LTC1772BIS6 Datasheet HTML 12Page - Linear Technology LTC1772BIS6 Datasheet HTML 13Page - Linear Technology LTC1772BIS6 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1772B
10
1772bfa
APPLICATIONS INFORMATION
size or height requirements in the design. Due to the high
operating frequency of the LTC1772B, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment is satisfied, the capacitance is adequate for filtering.
The output ripple (ΔVOUT) is approximated by:
VOUT IRIPPLE ESR+
1
4fCOUT
where f is the operating frequency, COUT is the output
capacitance and IRIPPLE is the ripple current in the induc-
tor. The output ripple is highest at maximum input voltage
since ΔIL increases with input voltage.
Manufacturers such as Nichicon, United Chemicon and
Sanyo should be considered for high performance through-
hole capacitors. The OS-CON semiconductor dielectric
capacitor available from Sanyo has the lowest ESR (size)
product of any aluminum electrolytic at a somewhat higher
price. Once the ESR requirement for COUT has been met,
the RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement.
Low Supply Operation
Although the LTC1772B can function down to approxi-
mately 2.0V, the maximum allowable output current is
reduced when VIN decreases below 3V. Figure 4 shows
the amount of change as the supply is reduced down to
2V. Also shown in Figure 4 is the effect of VIN on VREF as
VIN goes below 2.3V.
Setting Output Voltage
The regulated output voltage is determined by:
VOUT = 0.8 1+
R2
R1
For most applications, an 80k resistor is suggested for
R1. To prevent stray pickup, locate resistors R1 and R2
close to LTC1772B.
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (η1 + η2 + η3 + ...)
where η1, η2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of
the losses in LTC1772B circuits: 1) LTC1772B DC bias
INPUT VOLTAGE (V)
2.0
105
100
95
90
85
80
75
2.2
2.4
2.6
2.8
1772 F03
3.0
VREF
VITH
Figure 4. Line Regulation of VREF and VITH
Figure 5. Setting Output Voltage
3
VFB
VOUT
LTC1772B
R1
1772 F04
R2


Similar Part No. - LTC1772BIS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772BES6 LINER-LTC1772BES6 Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772BIS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com