Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8020MPV Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8020MPV
Description  200mA, 36V DC/DC 關Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020MPV Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8020MPV Datasheet HTML 7Page - Linear Technology LTM8020MPV Datasheet HTML 8Page - Linear Technology LTM8020MPV Datasheet HTML 9Page - Linear Technology LTM8020MPV Datasheet HTML 10Page - Linear Technology LTM8020MPV Datasheet HTML 11Page - Linear Technology LTM8020MPV Datasheet HTML 12Page - Linear Technology LTM8020MPV Datasheet HTML 13Page - Linear Technology LTM8020MPV Datasheet HTML 14Page - Linear Technology LTM8020MPV Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTM8020
11
8020fb
APPLICATIONS INFORMATION
Table 1. Recommended External Component Values and Configuration
VIN Range
VOUT
CIN
COUT
RADJ
BIAS Connection
4.5V - 36V
1.25V
2.2μF 50V 1206 X7R
47μF 6.3V 1206 X5R
Open
>2V, < 25V
4.5V - 36V
1.5V
2.2μF 50V 1206 X7R
47μF 6.3V 1206 X5R
2.43M
>2V, < 25V
4.5V - 36V
1.8V
2.2μF 50V 1206 X7R
47μF 6.3V 1206 X5R
1.1M
>2V, < 25V
4.5V - 36V
2.5V
2.2μF 50V 1206 X7R
22μF 6.3V 1206 X7R
499k
VOUT
4.5V - 36V
3.3V
2.2μF 50V 1206 X7R
10μF 6.3V 1206 X7R
301k
VOUT
6.5V - 36V
5V
2.2μF 50V 1206 X7R
10μF 6.3V 1206 X7R
165k
VOUT
4.5V - 15V
1.25V
2.2μF 16V 0805 X7R
22μF 6.3V 1206 X7R
Open
VIN
4.5V - 15V
1.5V
2.2μF 16V 0805 X7R
10μF 6.3V 0805 X7R
2.43M
VIN
4.5V - 15V
1.8V
2.2μF 16V 0805 X7R
10μF 6.3V 0805 X7R
1.1M
VIN
4.5V - 15V
2.5V
2.2μF 16V 0805 X7R
10μF 6.3V 0805 X7R
499k
VIN
4.5V - 15V
3.3V
2.2μF 16V 0805 X7R
10μF 6.3V 0805 X7R
301k
VOUT
6.5V - 15V
5V
2.2μF 16V 0805 X7R
None
165k
VOUT
9V - 24V
1.25V
1μF 25V 0805 X7R
47μF 6.3V 0805 X5R
Open
VIN
9V - 24V
1.5V
1μF 25V 0805 X7R
47μF 6.3V 0805 X7R
2.43M
VIN
9V - 24V
1.8V
1μF 25V 0805 X7R
10μF 6.3V 0805 X7R
1.1M
VIN
9V - 24V
2.5V
1μF 25V 0805 X7R
10μF 6.3V 0805 X7R
499k
VIN
9V - 24V
3.3V
1μF 25V 0805 X7R
10μF 6.3V 0805 X7R
301k
VOUT
9V - 24V
5V
4.7μF 25V 0805 X7R
10μF 6.3V 0805 X5R
165k
VOUT
18V - 36V
1.25V
2.2μF 50V 1206 X7R
47μF 6.3V 1206 X5R
Open
>2V, <25V
18V - 36V
1.5V
2.2μF 50V 1206 X7R
47μF 6.3V 1206 X5R
2.43M
>2V, <25V
18V - 36V
1.8V
2.2μF 50V 1206 X7R
22μF 6.3V 1206 X7R
1.1M
>2V, <25V
18V - 36V
2.5V
2.2μF 50V 1206 X7R
10μF 6.3V 0805 X7R
499k
VOUT
18V - 36V
3.3V
2.2μF 50V 1206 X7R
10μF 6.3V 0805 X7R
301k
VOUT
18V - 36V
5V
2.2μF 50V 1206 X7R
10μF 6.3V 0805 X7R
165k
VOUT
3.3V - 30V
–3.3V
2.2μF 50V 1206 X7R
22μF 6.3V 0805 X7R
301k
VOUT
5V - 30V
–5V
2.2μF 50V 1206 X7R
10μF 6.3V 0805 X7R
165k
VOUT
Minimum Input Voltage
The LTM8020 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. For most applications at full load, the input
needs to be at least 1.5V above the desired output. In
addition, the input voltage required to turn on depends
upon how the SHDN pin is tied. It takes more input voltage
to turn on if SHDN is tied to VIN than if the turn-on is
controlled by raising SHDN when VIN is in the required
operating range. A graph of the input voltage required to
turn the LTM8020 on when SHDN is tied to VIN or when
SHDN is switched is given in the Typical Performance
Characteristics section.


Similar Part No. - LTM8020MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8020 LINER-LTM8020 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8020 LINER-LTM8020 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM8020 LINER-LTM8020 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
More results

Similar Description - LTM8020MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com