Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8020V Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8020V
Description  200mA, 36V DC/DC 關Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020V Datasheet(HTML) 3 Page - Linear Technology

  LTM8020V Datasheet HTML 1Page - Linear Technology LTM8020V Datasheet HTML 2Page - Linear Technology LTM8020V Datasheet HTML 3Page - Linear Technology LTM8020V Datasheet HTML 4Page - Linear Technology LTM8020V Datasheet HTML 5Page - Linear Technology LTM8020V Datasheet HTML 6Page - Linear Technology LTM8020V Datasheet HTML 7Page - Linear Technology LTM8020V Datasheet HTML 8Page - Linear Technology LTM8020V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTM8020
3
8020fb
ILOAD (mA)
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
8020 G03
1
12VIN
24VIN
36VIN
ILOAD (mA)
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
8020 G01
1
5VIN
12VIN
24VIN
36VIN
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8020E is guaranteed to meet performance specifications
from 0°C to 85°C ambient. Specifications over the full –40°C to
85°C ambient operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHDN = 10V, VBIAS = 3V, External CIN = 2.2μF, COUT = 4.7μF.
(Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT(AC_RMS)
Output Ripple (RMS)
IOUT = 100mA, VOUT = 3.3V, VIN = 24V
7.5
mV
fSW
Switching Frequency
IOUT = 200mA
450
kHz
ISC
Output Short Circuit Current
VIN = 36V, VOUT = 0V
350
mA
VADJ
Voltage at ADJ Pin
l
1.228
1.265
V
VBIAS(MIN)
Minimum BIAS Voltage for Proper
Operation
l
3V
IADJ
Current Out of ADJ Pin
ADJ = 0V, VOUT = 5V, VSHDN = 0V
l
9.65
10.35
μA
ISHDN
SHDN Pin Current
VSHDN = 2.5V
1
5
μA
VIH(SHDN)
SHDN Input High Voltage
2.5
V
VIL(SHDN)
SHDN Input Low Voltage
0.2
V
LTM8020I is guaranteed to meet specifications over the full –40°C to 85°C
ambient operating temperature range. The LTM8020MP is guaranteed
to meet specifications over the full –55°C to 125°C internal operating
temperature range. Note that the maximum internal temperature is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: Guaranteed by design.
TYPICAL PERFORMANCE CHARACTERISTICS
3.3VOUT Efficiency
3.3VOUT Power Loss
5VOUT Efficiency
IOUT (mA)
1000
100
10
1
0.1
0.1
10
100
1000
8020 G02
1
5VIN
12VIN
24VIN
36VIN
TA = 25°C unless otherwise noted.


Similar Part No. - LTM8020V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8020 LINER-LTM8020 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8020 LINER-LTM8020 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM8020 LINER-LTM8020 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
More results

Similar Description - LTM8020V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com