Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4616 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4616 Datasheet HTML 2Page - Linear Technology LTM4616 Datasheet HTML 3Page - Linear Technology LTM4616 Datasheet HTML 4Page - Linear Technology LTM4616 Datasheet HTML 5Page - Linear Technology LTM4616 Datasheet HTML 6Page - Linear Technology LTM4616 Datasheet HTML 7Page - Linear Technology LTM4616 Datasheet HTML 8Page - Linear Technology LTM4616 Datasheet HTML 9Page - Linear Technology LTM4616 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4616
6
4616fa
GND1 and GND2 (BANK2 and BANK5); (A1-A5, A12, B1-
B5, B7-B12, C3-C12, D3-D7) and (G1-G5, G12, H1-H5,
H7-H12, J3-J12, K3-K7): Power Ground Pins for Both
Input and Output Returns.
SVIN1and SVIN2 (E5 and L5): Signal Input Voltage for Each
Channel. This pin is internally connected to VIN through
a lowpass filter.
SGND1 and SGND2 (F5 and M5): Signal Ground Pin for
Each Channel. Return ground path for all analog and low
power circuitry. Tie a single connection to the output
capacitor GND in the application. See layout guidelines
in Figure 17.
TEMPERATURE (°C)
–50
592
594
596
25
75
100
4616 G14
590
–25
0
50
598
600
602
125
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
Start-Up
VFB vs Temperature
Load Regulation vs Current
2.5V Output Current
Short-Circuit Protection
(2.5V Short, No Load)
VOUT
0.5V/DIV
VIN
2V/DIV
50μs/DIV
VIN = 5V
VOUT = 1.5V
COUT = 100μF NO LOAD AND 8A LOAD
(DEFAULT 100μs SOFT-START)
4616 G13
LOAD CURRENT (A)
0
–0.6
–0.5
–0.2
–0.3
–0.1
0
24
–0.4
68
4616 G15
FC MODE
VIN = 3.3V
VOUT = 1.5V
Short-Circuit Protection
(2.5V Short, 4A Load)
OUTPUT CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
510
15
20
4616 G16
2V/DIV
2V/DIV
5A/DIV
50μs/DIV
4616 G17
VOUT
VIN
IOUT
VIN = 5V
VOUT = 2.5V
5V/DIV
5V/DIV
5A/DIV
5A/DIV
50μs/DIV
4616 G18
VOUT
VIN
IOUT SHORT
IOUT LOAD
VIN = 5V
VOUT = 2.5V
VIN1, VIN2, (BANK1 and BANK2); (F1-F4, E1-E4, C1-C2,
D1-D2) and (J1-J2, K1-K2, L1-L4, M1-M4): Power Input
Pins. Apply input voltage between these pins and GND
pins. Recommend placing input decoupling capacitance
directly between VIN pins and GND pins.
VOUT1, VOUT2 (BANK3 and BANK6); (D9-D12, E9-E12,
F9-F12) and (K9-K12, L9-L12, M9-M12): Power Output
Pins. Apply output load between these pins and GND
pins. Recommend placing output decoupling capacitance
directly between these pins and GND pins. See Table 1.
TYPICAL PERFORMANCE CHARACTERISTICS Specified as Each Channel
PIN FUNCTIONS


Similar Part No. - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4616 LINER-LTM4616 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4616 LINEAR_DIMENSIONS-LTM4616 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4616 LINER-LTM4616 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTM4616IVPBF LINEAR_DIMENSIONS-LTM4616IVPBF Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
   Dual 8A per Channel Low VIN DC/DC Module Regulator
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
   Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
   Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com