Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4616 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 4 Page - Linear Technology

  LTM4616 Datasheet HTML 1Page - Linear Technology LTM4616 Datasheet HTML 2Page - Linear Technology LTM4616 Datasheet HTML 3Page - Linear Technology LTM4616 Datasheet HTML 4Page - Linear Technology LTM4616 Datasheet HTML 5Page - Linear Technology LTM4616 Datasheet HTML 6Page - Linear Technology LTM4616 Datasheet HTML 7Page - Linear Technology LTM4616 Datasheet HTML 8Page - Linear Technology LTM4616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4616
4
4616fa
Efficiency vs Load Current
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the –40°C to 125°C
internal operating temperature range. TA = 25°C, VIN = 5V unless otherwise noted. Per the typical application in Figure 18. Specified
as each channel (Note 3).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RFBHI1, RFBHI2
Resistor Between VOUT and FB
Pins
9.95
10
10.05
ΔVPGOOD1, ΔVPGOOD2 PGOOD Range
±10
%
%Margining
Output Voltage Margining
Percentage
MGN = VIN, BSEL = 0V
MGN = VIN, BSEL = VIN
MGN = VIN, BSEL = Float
MGN = 0V, BSEL = 0V
MGN = 0V, BSEL = VIN
MGN = 0V, BSEL = Float
4
9
14
–4
–9
–14
5
10
15
–5
–10
–15
6
11
16
–6
–11
–16
%
%
%
%
%
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4616E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4616I is guaranteed to meet specifications over the full
internal operating temperature range. Note that the maximum ambient
temperature is determined by specific operating conditions in conjunction
with board layout, the rated package thermal resistance and other
environmental factors.
Note 3: Two channels are tested separately and the same testing
conditions are applied to each channel.
Note 4: See Output Current Derating curves for different VIN, VOUT and TA.
Efficiency vs Load Current
Efficiency vs Load Current
LOAD CURRENT
0
70
75
80
85
90
95
100
24
6
8
4616 G01
5VIN 1.2VOUT
5VIN 1.5VOUT
5VIN 1.8VOUT
5VIN 2.5VOUT
5VIN 3.3VOUT
CONTINUOUS MODE
LOAD CURRENT
0
70
75
80
85
90
95
100
2468
4616 G02
3.3VIN 1.2VOUT
3.3VIN 1.5VOUT
3.3VIN 1.8VOUT
3.3VIN 2.5VOUT
CONTINUOUS MODE
LOAD CURRENT (A)
0
90
95
100
2
4
5
4616 G03
80
70
85
75
1
3
6
7
2.7VIN 1.0VOUT
2.7VIN 1.5VOUT
2.7VIN 1.8VOUT
CONTINUOUS MODE
TYPICAL PERFORMANCE CHARACTERISTICS Specified as Each Channel


Similar Part No. - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4616 LINER-LTM4616 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4616 LINEAR_DIMENSIONS-LTM4616 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4616 LINER-LTM4616 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTM4616IVPBF LINEAR_DIMENSIONS-LTM4616IVPBF Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
   Dual 8A per Channel Low VIN DC/DC Module Regulator
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
   Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
   Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com