Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6930HDCB-4.19-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6930HDCB-4.19-TRPBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930HDCB-4.19-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6930HDCB-4.19-TRPBF Datasheet HTML 4Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 5Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 6Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 7Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 8Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 9Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 10Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 11Page - Linear Technology LTC6930HDCB-4.19-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC6930-X.XX
8
6930fa
V+ (Pins 1, 8): Positive Supply Pins. Each supply pin should
be bypassed directly to the neighboring GND pin with a
0.1μF ceramic capacitor, and must be externally connected
to the other V+ pin (see recommended layout).
GND (Pins 2, 6): Ground Pins. Each should be connected
to a low inductance ground plane and must be connected
to the other GND pin and on the DFN package, Pin 9.
DIVA, DIVB, DIVC (Pins 3, 4, 5): Output Prescaler. Se-
lects divide ratio of master oscillator frequency used to
generate the output. See frequency setting Table 1 for
function. These are standard CMOS logic inputs with a
typical threshold of 1.25V
OUT (Pin 7): Oscillator Output. Drives up to 50pF capaci-
tive or 1k resistive load (Refer to Supply Current vs Load
Capacitance in Typical Performance Characteristics sec-
tion). Typical series resistance is less than 80
Ω at 1.7V
and less than 40
Ω at 3V supply. The output trace should
be isolated as much as possible from Pin 1 and Pin 2. The
OUT pin is held low during startup, and remains free from
glitches and runt pulses during DIV pin switching.
Exposed Pad (Pin 9, DFN Only): The Exposed Pad must
be soldered to a PCB plane connected to GND.
APPLICATIONS INFORMATION
Theory of Operation
The LTC6930 is an entirely self contained all silicon oscil-
lator which consists of a master oscillator, a control loop
and an output frequency divider. The master oscillator
operates between 4.2MHz and 8.2MHz and is factory
programmed. The master oscillator frequency is accurately
maintained over temperature and environmental extremes
by a proprietary switched capacitor feedback loop.
Each LTC6930 oscillator has an output frequency divider
which is controlled via the DIVA, DIVB and DIVC inputs.
The divider divides the master frequency by 2N, where N
is an integer from 0 to 7 (divider ranges from 1 to 128).
See Table 1 for the full range of frequencies covered by
the LTC6930 family.
The presence of two sets of supply pins and careful internal
layout reduce interference between the oscillator output
and the control loop. This allows the LTC6930 to provide
a clean output frequency with very little deterministic jitter,
even in cases of heavy output loading and noisy operating
environments.
The supply voltage of the LTC6930 is internally regulated
to maintain a very low frequency drift over supply.
Output Driver and Loading
The output of the LTC6930 is a low series resistance 40
Ω
CMOS driver with controlled rise/fall times to limit RF
interference and power supply spikes generated by the
output while preserving the ability to drive low impedance
loads. Especially at high frequencies, the capacitive loading
of the output of the LTC6930 may cause the majority of
the power supply dissipation of the part.
The LTC6930 supply current is specified at an output load
of 5pF, which is equivalent to two standard HC logic inputs.
The portion of the power supply current needed to drive
a capacitive load may be calculated as:
IC
V
f
SUPPLY
LOAD
SWING
OSC
=
••
where CLOAD is the 5pF load capacitance, VSWING is the
voltage swing, in this case up to 5.5V, and fOSC is the
frequency of the oscillator output. Driving a 5.5V swing
into a 5pF load at 8MHz takes an average of 220μA. To
calculate the portion of the supply current needed for a
50pF load, simply substitute 50pF for CLOAD in the same
equation:
50pF • 5.5V • 8MHz = 2.2mA
The majority of this power is expended during the rise and
fall time of the output signal, not while it is in a steady
PIN FUNCTIONS


Similar Part No. - LTC6930HDCB-4.19-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930HDCB-4.19-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com