Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4602V Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4602V
Description  6A High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4602V Datasheet(HTML) 4 Page - Linear Technology

  LTM4602V Datasheet HTML 1Page - Linear Technology LTM4602V Datasheet HTML 2Page - Linear Technology LTM4602V Datasheet HTML 3Page - Linear Technology LTM4602V Datasheet HTML 4Page - Linear Technology LTM4602V Datasheet HTML 5Page - Linear Technology LTM4602V Datasheet HTML 6Page - Linear Technology LTM4602V Datasheet HTML 7Page - Linear Technology LTM4602V Datasheet HTML 8Page - Linear Technology LTM4602V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4602
4
4602fa
Efficiency vs Load Current
with 5VIN (FCB = 0)
Efficiency vs Load Current
with 12VIN (FCB = 0)
Efficiency vs Load Current
with 20VIN (FCB = 0)
1.2V Transient Response
1.5V Transient Response
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
(See Figure 21 for all curves)
VOUT
50mV/DIV
1.2V AT 3A/μs LOAD STEP
COUT = 1 × 22μF, 6.3V CERAMICS
330μF, 4V SANYO POSCAP
IOUT
2A/DIV
20μs/DIV
4602 G05
1.5V AT 3A/μs LOAD STEP
COUT = 1 × 22μF, 6.3V CERAMICS
330μF, 4V SANYO POSCAP
20μs/DIV
4602 G06
VOUT
50mV/DIV
IOUT
2A/DIV
1.8V AT 3A/μs LOAD STEP
COUT = 1 × 22μF, 6.3V CERAMICS
330μF, 4V SANYO POSCAP
20μs/DIV
4602 G07
VOUT
50mV/DIV
IOUT
2A/DIV
2.5V AT 3A/μs LOAD STEP
COUT = 1 × 22μF, 6.3V CERAMICS
330μF, 4V SANYO POSCAP
20μs/DIV
4602 G08
VOUT
50mV/DIV
IOUT
2A/DIV
3.3V AT 3A/μs LOAD STEP
COUT = 1 × 22μF, 6.3V CERAMICS
330μF, 4V SANYO POSCAP
20μs/DIV
4602 G09
VOUT
50mV/DIV
IOUT
2A/DIV
LOAD CURRENT (A)
0
30
40
50
100
70
2
4
4602 G01
80
90
60
6
8
0.8VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT*
*FOR 5V TO 3.3V CONVERSION,
SEE FREQUENCY ADJUSTMENT
IN APPLICATIONS INFORMATION
LOAD CURRENT (A)
0
30
40
50
100
70
2
4
4602 G02
80
90
60
6
8
0.8VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
3.3VOUT (950kHz)*
*950kHz INSTEAD OF 1.3MHz
INCREASES 3.3V EFFICIENCY 2%
LOAD CURRENT (A)
0
50
60
70
8
4602 G03
40
30
2
4
6
100
90
80
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
Light Load Efficiency vs
Load Current with 12VIN
(FCB > 0.7V, <5V)
LOAD CURRENT (A)
0
60
80
100
0.8
4602 G04
40
50
70
90
30
0.2
0.1
0.4
0.3
0.6 0.7
0.9
0.5
1
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTM4602V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4602 LINER-LTM4602 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4602 LINER-LTM4602 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4602 LINER-LTM4602 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
More results

Similar Description - LTM4602V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4606 LINER-LTM4606 Datasheet
345Kb / 24P
   Ultralow EMI 28VIN, 6A DC/DC 關Module
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
   6A High Efficiency DC/DC Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com