Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4603 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 2 Page - Linear Technology

  LTM4603 Datasheet HTML 1Page - Linear Technology LTM4603 Datasheet HTML 2Page - Linear Technology LTM4603 Datasheet HTML 3Page - Linear Technology LTM4603 Datasheet HTML 4Page - Linear Technology LTM4603 Datasheet HTML 5Page - Linear Technology LTM4603 Datasheet HTML 6Page - Linear Technology LTM4603 Datasheet HTML 7Page - Linear Technology LTM4603 Datasheet HTML 8Page - Linear Technology LTM4603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4603/LTM4603-1
2
4603f
INTVCC, DRVCC, VOUT_LCL, VOUT (VOUT ≤ 3.3V
with Remote Sense Amp) ............................ –0.3V to 6V
PLLIN, TRACK/SS, MPGM, MARG0, MARG1,
PGOOD, fSET .............................. –0.3V to INTVCC + 0.3V
RUN ............................................................. –0.3V to 5V
VFB, COMP ................................................ –0.3V to 2.7V
VIN ............................................................. –0.3V to 20V
VOSNS
+, VOSNS–..................................0V to INTVCC – 1V
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
The
denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
4.5
20
V
VOUT(DC)
Output Voltage
CIN = 10µF ×2, COUT = 2×, 100µF/X5R/
Ceramic
VIN = 5V, VOUT = 1.5V, IOUT = 0A
VIN = 12V, VOUT = 1.5V, IOUT = 0A
1.478
1.478
1.5
1.5
1.522
1.522
V
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4
V
IINRUSH(VIN)
Input Inrush Current at Startup
IOUT = 0A. VOUT = 1.5V
VIN = 5V
VIN = 12V
0.6
0.7
A
A
IQ(VIN,NOLOAD)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, No Switching
VIN = 12V, VOUT = 1.5V, Switching
Continuous
VIN = 5V, VOUT = 1.5V, No Switching
VIN = 5V, VOUT = 1.5V, Switching
Continuous
Shutdown, RUN = 0, VIN = 12V
3.8
25
2.5
43
22
mA
mA
mA
mA
µA
MARG1
DRVCC
VFB
PGOOD
SGND
VOSNS
+/NC2*
DIFFVOUT/NC3*
VOUT_LCL
VOSNS
/NC1*
VIN
PGND
VOUT
fSET
MARG0
LGA PACKAGE
118-LEAD (15mm
´ 15mm ´ 2.8mm)
TOP VIEW
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS, WEIGHT = 1.7g
*LTM4603-1 Only
ORDER PART NUMBER
LGA PART MARKING*
LTM4603EV#PBF
LTM4603IV#PBF
LTM4603EV-1#PBF
LTM4603IV-1#PBF
LTM4603V
LTM4603V
LTM4603V-1
LTM4603V-1
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.


Similar Part No. - LTM4603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4603 LINER-LTM4603 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM4603 LINER-LTM4603 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
LTM4603 LINER-LTM4603 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com