Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4601AHVMPV Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4601AHVMPV
Description  12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AHVMPV Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4601AHVMPV Datasheet HTML 2Page - Linear Technology LTM4601AHVMPV Datasheet HTML 3Page - Linear Technology LTM4601AHVMPV Datasheet HTML 4Page - Linear Technology LTM4601AHVMPV Datasheet HTML 5Page - Linear Technology LTM4601AHVMPV Datasheet HTML 6Page - Linear Technology LTM4601AHVMPV Datasheet HTML 7Page - Linear Technology LTM4601AHVMPV Datasheet HTML 8Page - Linear Technology LTM4601AHVMPV Datasheet HTML 9Page - Linear Technology LTM4601AHVMPV Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4601AHV
6
4601ahvf
(See Figures 19 and 20 for all curves)
Start-Up, IOUT = 12A
(Resistive Load)
Start-Up, IOUT = 0A
VIN to VOUT Step-Down Ratio
Short-Circuit Protection, IOUT = 0A
Short-Circuit Protection, IOUT = 12A
Track, IOUT = 12A
Start-Up, TA = –55°C
VOUT
0.5V/DIV
5ms/DIV
4601AHV G09
IIN
0.5A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF, 3x 22μF
SOFT-START = 10nF
VOUT
0.5V/DIV
2ms/DIV
4601AHV G10
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF, 3x 22 F
SOFT-START = 10nF
INPUT VOLTAGE (V)
0
3.0
4.0
5.5
5.0
16
4601AHV G11
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
4
2
8
6
12 14
18
10
20 22
28
26
24
3.3V OUTPUT WITH
130k FROM VOUT
TO fSET
5V OUTPUT WITH
100k RESISTOR
ADDED FROM fSET
TO GND
5V OUTPUT WITH
NO RESISTOR ADDED
FROM fSET TO GND
2.5V OUTPUT
1.8V OUTPUT
1.5V OUTPUT
1.2V OUTPUT
VFB
0.5V/DIV
TRACK/SS
0.5V/DIV
2ms/DIV
4601AHV G12
VOUT
1V/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF, 3x 22μF
SOFT-START = 10nF
VOUT
0.5V/DIV
50μs/DIV
4601AHV G13
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF, 3x 22μF
SOFT-START = 10nF
VOUT
0.5V/DIV
50μs/DIV
4601AHV G14
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470μF
3x 22μF
SOFT-START = 10nF
TYPICAL PERFORMANCE CHARACTERISTICS
NO LOAD
10A LOAD
10ms/DIV
4601AHV G16
VIN = 12V
VOUT = 1.5V
COUT = 470μF, 3x 22μF
SOFT-START = 10nF


Similar Part No. - LTM4601AHVMPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4601AHVMPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com