Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6910-2CTS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6910-2CTS8
Description  Digitally Controlled Programmable Gain Amplifiers in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6910-2CTS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC6910-2CTS8 Datasheet HTML 1Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 2Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 3Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 4Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 5Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 6Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 7Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 8Page - Linear Technology LTC6910-2CTS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6910-1
LTC6910-2/LTC6910-3
5
6910123fa
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LTC6910-1C/LTC6910-1I
LTC6910-1H
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Specifications for LTC6910-1 Only
Voltage Gain (Note 7)
VS = 2.7V, Gain = 1, RL = 10k
q
– 0.05
0
0.07
– 0.06
0
0.07
dB
VS = 2.7V, Gain = 1, RL = 500Ω
q
– 0.1 – 0.02 0.06
– 0.12 – 0.02 0.08
dB
VS = 2.7V, Gain = 2, RL = 10k
q
5.96
6.02
6.08
5.96
6.02
6.08
dB
VS = 2.7V, Gain = 5, RL = 10k
q
13.85 13.95 14.05
13.83 13.95 14.05
dB
VS = 2.7V, Gain = 10, RL = 10k
q
19.7
19.9
20.1
19.7
19.9
20.1
dB
VS = 2.7V, Gain = 10, RL = 500Ω
q
19.6 19.85 20.1
19.4 19.85 20.1
dB
VS = 2.7V, Gain = 20, RL = 10k
q
25.7
25.9
26.1
25.65 25.9
26.1
dB
VS = 2.7V, Gain = 50, RL = 10k
q
33.5
33.8
34.1
33.4
33.8
34.1
dB
VS = 2.7V, Gain = 100, RL = 10k
q
39
39.6
40.2
38.7
39.6
40.2
dB
VS = 2.7V, Gain = 100, RL = 500Ω
q
37.4
39
40.1
36.4
39
40.1
dB
VS = 5V, Gain = 1, RL = 10k
q
– 0.05
0
0.07
– 0.05
0
0.07
dB
VS = 5V, Gain = 1, RL = 500Ω
q
– 0.1 – 0.01 0.08
– 0.11 – 0.01 0.08
dB
VS = 5V, Gain = 2, RL = 10k
q
5.96
6.02
6.08
5.955 6.02
6.08
dB
VS = 5V, Gain = 5, RL = 10k
q
13.8 13.95 14.1
13.75 13.95 14.1
dB
VS = 5V, Gain = 10, RL = 10k
q
19.8
19.9
20.1
19.75 19.9
20.1
dB
VS = 5V, Gain = 10, RL = 500Ω
q
19.6 19.85 20.1
19.45 19.85 20.1
dB
VS = 5V, Gain = 20, RL = 10k
q
25.8
25.9
26.1
25.70 25.9
26.1
dB
VS = 5V, Gain = 50, RL = 10k
q
33.5
33.8
34.1
33.4
33.8
34.1
dB
VS = 5V, Gain = 100, RL = 10k
q
39.3
39.7
40.1
39.1
39.7
40.1
dB
VS = 5V, Gain = 100, RL = 500Ω
q
38
39.2
40.1
37
39.2
40.1
dB
VS = ±5V, Gain = 1, RL = 10k
q
– 0.05
0
0.07
– 0.05
0
0.07
dB
VS = ±5V, Gain = 1, RL = 500Ω
q
– 0.1 – 0.01 0.08
– 0.1 – 0.01 0.08
dB
VS = ±5V, Gain = 2, RL = 10k
q
5.96
6.02
6.08
5.96
6.02
6.08
dB
VS = ±5V, Gain = 5, RL = 10k
q
13.80 13.95 14.1
13.80 13.95 14.1
dB
VS = ±5V, Gain = 10, RL = 10k
q
19.8
19.9
20.1
19.75 19.9
20.1
dB
VS = ±5V, Gain = 10, RL = 500Ω
q
19.7
19.9
20.1
19.6
19.9
20.1
dB
VS = ±5V, Gain = 20, RL = 10k
q
25.8 25.95 26.1
25.75 25.95 26.1
dB
VS = ±5V, Gain = 50, RL = 10k
q
33.7 33.85
34
33.6 33.85
34
dB
VS = ±5V, Gain = 100, RL = 10k
q
39.4
39.8
40.2
39.25 39.8
40.2
dB
VS = ±5V, Gain = 100, RL = 500Ω
q
38.8
39.6
40.1
38
39.6
40.1
dB
Offset Voltage Magnitude (Internal Op Amp)
q
1.5
9
1.5
11
mV
(VOS(OA)) (Note 8)
Offset Voltage Drift (Internal Op Amp) (Note 8)
6
8
µV/°C
Offset Voltage Magnitude
Gain = 1
q
3
15
3
18
mV
(Referred to “IN” Pin) (VOS(IN))
Gain = 10
q
1.7
10
1.7
12
mV
DC Input Resistance (Note 9)
DC VIN = 0V
Gain = 0
>100
>100
M
Gain = 1
q
10
10
k
Gain = 2
q
55
k
Gain = 5
q
22
k
Gain = 10, 20, 50, 100
q
11
k


Similar Part No. - LTC6910-2CTS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
More results

Similar Description - LTC6910-2CTS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com