Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6910-1HTS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6910-1HTS8
Description  Digitally Controlled Programmable Gain Amplifiers in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6910-1HTS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC6910-1HTS8 Datasheet HTML 1Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 2Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 3Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 4Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 5Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 6Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 7Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 8Page - Linear Technology LTC6910-1HTS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6910-1
LTC6910-2/LTC6910-3
4
6910123fa
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
C, I SUFFIXES
H SUFFIX
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Specifications for the LTC6910-1, LTC6910-2 and LTC6910-3
Total Supply Voltage
q
2.7
10.5
2.7
10.5
V
Supply Current
VS = 2.7V, VIN = 1.35V
q
23
23
mA
VS = 5V, VIN = 2.5V
q
2.4
3.5
2.4
3.5
mA
VS = ±5V, VIN = 0V, Pins 5, 6, 7 = – 5V or 5V q
3
4.5
3
4.5
mA
VS = ±5V, VIN = 0V, Pin 5 = 4.5V,
q
3.5
4.9
3.5
4.9
mA
Pins 6, 7 = 0.5V (Note 4)
Output Voltage Swing LOW (Note 5)
VS = 2.7V, RL = 10k to Midsupply Point
q
12
30
12
30
mV
VS = 2.7V, RL = 500Ω to Midsupply Point
q
50
100
50
100
mV
VS = 5V, RL = 10k to Midsupply Point
q
20
40
20
40
mV
VS = 5V, RL = 500Ω to Midsupply Point
q
90
160
90
160
mV
VS = ±5V, RL = 10k to 0V
q
30
50
30
50
mV
VS = ±5V, RL = 500Ω to 0V
q
180
250
180
270
mV
Output Voltage Swing HIGH (Note 5)
VS = 2.7V, RL = 10k to Midsupply Point
q
10
20
10
20
mV
VS = 2.7V, RL = 500Ω to Midsupply Point
q
50
80
50
85
mV
VS = 5V, RL = 10k to Midsupply Point
q
10
30
10
30
mV
VS = 5V, RL = 500Ω to Midsupply Point
q
80
150
80
150
mV
VS = ±5V, RL = 10k to 0V
q
20
40
20
40
mV
VS = ±5V, RL = 500Ω to 0V
q
180
250
180
250
mV
Output Short-Circuit Current (Note 6)
VS = 2.7V
±27
±27
mA
VS = ±5V
±35
±35
mA
AGND Open-Circuit Voltage
VS = 5V
q
2.45
2.5
2.55
2.45
2.5
2.55
V
AGND Rejection (i.e., Common Mode
VS = 2.7V, VAGND = 1.1V to Upper AGND Limit q
55
80
50
80
dB
Rejection or CMRR)
VS = ±5V, VAGND = –2.5V to 2.5V
q
55
75
50
75
dB
Power Supply Rejection Ratio (PSRR)
VS = 2.7V to ±5V
q
60
80
60
80
dB
Signal Attenuation at Gain = 0 Setting
Gain = 0 (Digital Inputs 000), f = 20kHz
q
– 122
– 122
dB
Slew Rate
VS = 5V, VOUT = 2.8VP-P
12
12
V/
µs
VS = ±5V, VOUT = 2.8VP-P
16
16
V/
µs
Digital Input “High” Voltage
VS = 2.7V
q
2.43
2.43
V
VS = 5V
q
4.5
4.5
V
VS = ±5V
q
4.5
4.5
V
Digital Input “Low” Voltage
VS = 2.7V
q
0.27
0.27
V
VS = 5V
q
0.5
0.5
V
VS = ±5V
q
0.5
0.5
V
Digital Input Leakage Current Magnitude
V
≤ (Digital Input) ≤ V+
22
µA


Similar Part No. - LTC6910-1HTS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
More results

Similar Description - LTC6910-1HTS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com