Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1757A-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1757A-1
Description  Single/Dual Band RF Power Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1757A-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC1757A-1 Datasheet HTML 1Page - Linear Technology LTC1757A-1 Datasheet HTML 2Page - Linear Technology LTC1757A-1 Datasheet HTML 3Page - Linear Technology LTC1757A-1 Datasheet HTML 4Page - Linear Technology LTC1757A-1 Datasheet HTML 5Page - Linear Technology LTC1757A-1 Datasheet HTML 6Page - Linear Technology LTC1757A-1 Datasheet HTML 7Page - Linear Technology LTC1757A-1 Datasheet HTML 8Page - Linear Technology LTC1757A-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1757A-1/LTC1757A-2
TYPICAL PERFOR A CE CHARACTERISTICS
RF Detector Characteristics
at 1800MHz
RF INPUT POWER (dBm)
10
100
1000
10000
–22
–14 –10 –6
–2
2
6
10
1
–18
14
1757A G02
VIN = 3V TO 4.4V
–30
°C
75
°C
25
°C
VIN (Pin 1): Input Supply Voltage, 2.7V to 6V. VIN should
be bypassed with 0.1
µF and 100pF ceramic capacitors.
Used as return for RF 185
Ω termination.
RF (Pin 2): RF Feedback Voltage from the Directional
Coupler. Referenced to VIN. A coupling capacitor of 33pF
must be used to connect to the ground referenced direc-
tional coupler. The frequency range is 850MHz to 2000MHz.
This pin has an internal 185
Ω termination, an internal
Schottky diode detector and peak detector capacitor.
SHDN (Pin 3): Shutdown Input. A logic low on the SHDN
pin places the part in shutdown mode. A logic high places
the part in autozero when TXEN is low. SHDN has an inter-
nal 150k pull-down resistor to ensure that the part is in shut-
down when the drivers are in a three-state condition.
BSEL (Pin 4): (LTC1757A-2 Only) Selects VPCA when low
and VPCB when high. This input has an internal 150k
resistor to ground.
GND (Pin 5/Pin 4): System Ground.
PCTL (Pin 6/Pin 5): Analog Input. The external power
control DAC drives this input. The amplifier servos the RF
power until the RF detected signal equals the DAC signal.
The input resistance is typically 100k.
TXEN (Pin 7/Pin 6): Transmit Enable Input. A logic high
enables the control amplifier. When TXEN is low and
SHDN is high the part is in the autozero mode. This input
has an internal 150k resistor to ground.
VPCB (Pin 8): (LTC1757A-2 Only) Power Control Voltage
Output. This pin drives an external RF power amplifier
power control pin. The maximum load capacitance is
100pF. The output is capable of rail-to-rail swings at low
load currents. Selected when BSEL is high.
VPCA (Pin 9/Pin 7): Power Control Voltage Output. This pin
drives an external RF power amplifier power control pin.
The maximum load capacitance is 100pF. The output is
capable of rail-to-rail swings at low load currents. Selected
when BSEL is low (LTC1757A-2 only).
VCC (Pin 10/Pin 8): RF Power Amplifier Supply. This pin
has an internal 0.050
Ω sense resistor between VIN and
VCC that senses the RF power amplifier supply current to
detect overcurrent conditions.
(LTC1757A-2/LTC1757A-1)
RF Detector Characteristics
at 900MHz
PI FU CTIO S
RF INPUT POWER (dBm)
10
100
1000
10000
–24
–12
–16
–8 –4
8
4
012
1
–20
16
1757A G01
VIN = 3V TO 4.4V
–30
°C
75
°C
25
°C


Similar Part No. - LTC1757A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1757A-1 LINER-LTC1757A-1 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1 Datasheet
211Kb / 16P
   Single/Dual Band RF Power Controllers
LTC1757A-1EMS8 LINER-LTC1757A-1EMS8 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1_15 Datasheet
211Kb / 16P
   Single/Dual Band RF Power Controllers
More results

Similar Description - LTC1757A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1757A-1 LINER-LTC1757A-1 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1_15 Datasheet
211Kb / 16P
   Single/Dual Band RF Power Controllers
LTC1757A-2 LINER-LTC1757A-2_15 Datasheet
211Kb / 16P
   Single/Dual Band RF Power Controllers
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1 Datasheet
210Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
   Dual-band RF front-end
1999 Mar 02
logo
California Eastern Labs
CG2164X3 CEL-CG2164X3_16 Datasheet
769Kb / 8P
   Dual-Band Wireless DPDT RF Switch
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
   DUAL BAND WIRELESS LAN RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com