Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864LIS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1864LIS8
Description  關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864LIS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1864LIS8 Datasheet HTML 6Page - Linear Technology LTC1864LIS8 Datasheet HTML 7Page - Linear Technology LTC1864LIS8 Datasheet HTML 8Page - Linear Technology LTC1864LIS8 Datasheet HTML 9Page - Linear Technology LTC1864LIS8 Datasheet HTML 10Page - Linear Technology LTC1864LIS8 Datasheet HTML 11Page - Linear Technology LTC1864LIS8 Datasheet HTML 12Page - Linear Technology LTC1864LIS8 Datasheet HTML 13Page - Linear Technology LTC1864LIS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1864L/LTC1865L
sn18645L 18645Lfs
LTC1865L OPERATION
Operating Sequence
The LTC1865L conversion cycle begins with the rising
edge of CONV. After a period equal to tCONV, the conver-
sion is finished. If CONV is left high after this time, the
LTC1865L goes into sleep mode drawing only leakage
current. The LTC1865L’s 2-bit data word is clocked into
the SDI input on the rising edge of SCK after CONV goes
low. Additional inputs on the SDI pin are then ignored until
the next CONV cycle. The shift clock (SCK) synchronizes
the data transfer with each bit being transmitted on the
falling SCK edge and captured on the rising SCK edge in
both transmitting and receiving systems. The data is
transmitted and received simultaneously (full duplex).
After completing the data transfer, if further SCK clocks
are applied with CONV low, SDO will output zeros indefi-
nitely. See Figure 4.
Analog Inputs
The two bits of the input word (SDI) assign the MUX
configuration for the next requested conversion. For a
given channel selection, the converter will measure the
voltage between the two channels indicated by the
“+” and “–” signs in the selected row of Table 1. In
CONV
SDI
SCK
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SDO
B15 B14
B12
B10
B8
B6
B4
B2
B0*
Hi-Z
B13
B11
B9
B7
B5
B3
B1
S/D O/S
DON’T CARE
DON’T CARE
tCONV
1864 F04
SLEEP MODE
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE
APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
Hi-Z
tSMPL
DON'T CARE
Figure 4. LTC1865L Operating Sequence
APPLICATIO S I FOR ATIO
MUX ADDRESS
Table 1. Multiplexer Channel Selection
SGL/DIFF
1
1
0
0
ODD/SIGN
0
1
0
1
CHANNEL #
0
+
+
1
+
+
GND
1864 TBL1
SINGLE-ENDED
MUX MODE
DIFFERENTIAL
MUX MODE
single-ended mode, all input channels are measured with
respect to GND. A zero code will occur when the “+” input
minus the “–” input equals zero. Full scale occurs when
the “+” input minus the “–” input equals VREF minus
1LSB. See Figure 5. Both the “+” and “–” inputs are
sampled at the same time so common mode noise is
rejected. The input span in the SO-8 package is fixed at
VREF = VCC. If the “–” input in differential mode is
grounded, a rail-to-rail input span will result on the “+”
input.
Reference Input
The reference input of the LTC1865L SO-8 package is
internally tied to VCC. The span of the A/D converter is
therefore equal to VCC. The voltage on the reference input
of the LTC1865L MSOP package defines the span of the
A/D converter. The LTC1865L MSOP package can operate
with reference voltages from 1V to VCC.


Similar Part No. - LTC1864LIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864L LINER-LTC1864L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1864L LINER-LTC1864L Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1864L LINER-LTC1864L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1864L LINER-LTC1864L Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864LIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com