Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6802-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6802-1
Description  Multicell Battery Stack Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6802-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC6802-1 Datasheet HTML 1Page - Linear Technology LTC6802-1 Datasheet HTML 2Page - Linear Technology LTC6802-1 Datasheet HTML 3Page - Linear Technology LTC6802-1 Datasheet HTML 4Page - Linear Technology LTC6802-1 Datasheet HTML 5Page - Linear Technology LTC6802-1 Datasheet HTML 6Page - Linear Technology LTC6802-1 Datasheet HTML 7Page - Linear Technology LTC6802-1 Datasheet HTML 8Page - Linear Technology LTC6802-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC6802-1
4
68021p
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. The ADC specifications are guaranteed by the Total Measurement
Error (VERR) specification.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Discharge Switch On-Resistance
VCELL > 3V (Note 3)
l
10
20
Ω
Temperature Range
l
–40
85
°C
Thermal Shutdown Temperature
145
°C
Thermal Shutdown Hysteresis
5°C
Voltage Mode Timing Specifications
tCYCLE
Measurement Cycle Time
Time Required to Measure 11 or 12 Cells
Time Required to Measure Up to 10 Cells
Time Required to Measure 1 Cell
l
l
2
13
11
ms
ms
ms
t1
SDI Valid to SCKI Rising Setup
l
10
ns
t2
SDI Valid to SCKI Rising Hold
l
200
ns
t3
SCKI Low
l
400
ns
t4
SCKI High
l
400
ns
t5
CSBI Pulse Width
l
400
ns
t6
SCKI Rising to CSBI Rising
l
100
ns
t7
CSBI Falling to SCKI Rising
l
100
ns
t8
SCKI Falling to SDO Valid
l
200
ns
Clock Frequency
l
1
MHz
Watchdog Timer Time Out Period
l
12
s
Timing Specifications
tPD1
CSBI to CSBO
CCSBO = 150pF
l
600
ns
tPD2
SCKI to SCKO
CSCKO = 150pF
l
300
ns
tPD3
SDI to SDOI Write Delay
CSDOI = 150pF
l
300
ns
tPD4
SDOI to SDO Read Delay
CSDO = 150pF
l
300
ns
Voltage Mode Digital I/O Specifications
VIH
Digital Input Voltage High
Pins VMODE, SCKI, SDI, and CSBI
l
2V
VIL
Digital Input Voltage Low
Pins VMODE, SCKI, SDI, and CSBI
l
0.8
V
VOL
Digital Output Voltage Low
Pin SDO; Sinking 500μA
l
0.3
V
Current Mode Digital I/O Specifications
IIH1
Digital Input Current High
Pins CSBI, SCKI, and SDI (Write)
l
35
μA
IIL1
Digital Input Current Low
Pins CSBI, SCKI, and SDI (Write)
l
1000
1200
1500
μA
IIH2
Digital Input Current High
Pin SDOI (Read)
l
–1500
–1200
–1000
μA
IIL2
Digital Input Current Low
Pin SDOI (Read)
l
–5
–3
μA
IOH1
Digital Output Current High
Pins CSBO, SCKO, and SDOI (Write)
l
35
μA
IOL1
Digital Output Current Low
Pins CSBO, SCKO, and SDOI (Write)
l
1000
1200
1500
μA
IOH2
Digital Output Current High
Pin SDI (Read)
l
–1500
–1200
–1000
μA
IOL2
Digital Output Current Low
Pin SDI (Read)
l
–5
–3
0
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 43.2V, V= 0V, unless otherwise noted.
Note 3. Due to the contact resistance of the production tester, this
specification is tested to relaxed limits. The 20Ω limit is guaranteed by
design.
Note 4. VCELL refers to the voltage applied across the following pin
combinations: V+ to C11, Cn to Cn-1 for n = 2 to 11, C1 to V. VTEMP refers
to the voltage applied from VTEMP1 or VTEMP2 to V


Similar Part No. - LTC6802-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1 Datasheet
405Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1 Datasheet
750Kb / 44P
   High Effciency Bidirectional Multicell Battery Balancer
LTC6802-1 LINER-LTC6802-1_1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_15 Datasheet
335Kb / 38P
   Multicell Battery Stack Monitor
More results

Similar Description - LTC6802-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_15 Datasheet
335Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2 Datasheet
405Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1 Datasheet
424Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-2 LINER-LTC6802-2 Datasheet
374Kb / 34P
   Multicell Addressable Battery Stack Monitor
LTC6802-2 LINER-LTC6802-2_15 Datasheet
378Kb / 34P
   Multicell Addressable Battery Stack Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com