Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6652 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6652
Description  Precision Low Drift Low Noise Buffered Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 5 Page - Linear Technology

  LTC6652 Datasheet HTML 1Page - Linear Technology LTC6652 Datasheet HTML 2Page - Linear Technology LTC6652 Datasheet HTML 3Page - Linear Technology LTC6652 Datasheet HTML 4Page - Linear Technology LTC6652 Datasheet HTML 5Page - Linear Technology LTC6652 Datasheet HTML 6Page - Linear Technology LTC6652 Datasheet HTML 7Page - Linear Technology LTC6652 Datasheet HTML 8Page - Linear Technology LTC6652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6652
5
6652fb
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Output Voltage
Temperature Drift
2.5V Load Regulation (Sourcing)
2.5V Load Regulation (Sinking)
2.5V Supply Current
vs Input Voltage
2.5V Shutdown Current
vs Input Voltage
2.5V Minimum VIN-VOUT
Differential (Sourcing)
TEMPERATURE (°C)
–50
2.5000
2.5005
2.5010
25
75
150
6652 G01
2.4995
2.4990
2.4985
–25
0
50
100 125
3 TYPICAL PARTS
INPUT VOLTAGE (V)
0
2.5000
2.5005
2.5010
610
6652 G02
2.4995
2.4990
24
812
14
2.4985
2.4980
125°C
–40°C
25°C
OUTPUT CURRENT (mA)
0.1
–200
–180
–140
–120
–100
0
–60
1
6652 G03
–160
–40
–20
–80
10
125°C
25°C
–40°C
OUTPUT CURRENT (mA)
0.1
0
100
200
400
500
600
700
110
–40°C
125°C
25°C
6652 G04
INPUT VOLTAGE (V)
0
0
100
300
400
500
1000
700
4
8
10
6652 G05
200
800
900
600
2
6
12
125°C
–40°C
14
25°C
INPUT VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
4
8
10
6652 G06
0.2
0.8
0.9
0.6
2
6
12
14
125°C
25°C
–40°C
INPUT-OUTPUT VOLTAGE (V)
0.001
0.01
1
10
0.01
0.1
1
6652 G09
0.1
25°C
125°C, –40°C
2.5V Line Regulation
Characteristic curves are similar for most
LTC6652s. Curves from the LTC6652-1.25, LTC6652-2.5 and the LTC6652-5 represent the extremes and typical of the voltage options.
Characteristic curves for other output voltages fall between these curves and can be estimated based on their output.
2.5V Minimum VOUT-VIN
Differential (Sinking)
OUTPUT-INPUT VOLTAGE (V)
0.001
10
0.01
0.1
1
6652 G10
1
0.1
25°C
–40°C
125°C


Similar Part No. - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6652 LINER-LTC6652 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC6652 LINER-LTC6652 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
LTC6652 LINER-LTC6652 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6652 LINER-LTC6652 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com