Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864LACMS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1864LACMS8
Description  關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864LACMS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1864LACMS8 Datasheet HTML 2Page - Linear Technology LTC1864LACMS8 Datasheet HTML 3Page - Linear Technology LTC1864LACMS8 Datasheet HTML 4Page - Linear Technology LTC1864LACMS8 Datasheet HTML 5Page - Linear Technology LTC1864LACMS8 Datasheet HTML 6Page - Linear Technology LTC1864LACMS8 Datasheet HTML 7Page - Linear Technology LTC1864LACMS8 Datasheet HTML 8Page - Linear Technology LTC1864LACMS8 Datasheet HTML 9Page - Linear Technology LTC1864LACMS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1864L/LTC1865L
sn18645L 18645Lfs
REFERENCE VOLTAGE (V)
0
4
1864L/65L G10
1
2
3
20
15
10
5
0
–5
–10
–15
–20
fS = 150kHz
TA = 25°C
VCC = 3.6V
REFERENCE VOLTAGE (V)
0
4
1864L/65L G12
1
2
3
fS = 150kHz
TA = 25°C
VCC = 3.6V
TEMPERATURE (°C)
–50
25
75
1864L/65L G11
–25
0
50
100
125
5
4
3
2
1
0
–1
–2
–3
–4
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
VCC = 2.7V
VREF = 2.5V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TEMPERATURE (°C)
–50
25
75
1864L/65L G13
1864L/65L G14
–25
0
50
100
125
5
4
3
2
1
0
–1
–2
–3
–4
–5
1864L/65L G15
INPUT FREQUENCY (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1864L/65L G16
INPUT FREQUENCY (kHz)
1
10
100
1864L/65L G17
100
90
80
70
60
50
40
30
20
10
0
INPUT FREQUENCY (kHz)
110
100
1864L/65L G18
30 31
33
35
37
39
41
43
32
34
36
38
40
42
44
1200
1000
800
600
400
200
0
CODE
VCC = 2.7V
VREF = 2.5V
fS = 125kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
fS = 125kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
fS = 125kHz
TA = 25°C
VCC = 3V
VIN = 0dB
VREF = 3V
SNR
SINAD
0 7
52
45 20
00
169
407
1040
648
152
291
576
689
INPUT FREQUENCY (kHz)
0
60
5 10 15 20 2535 40
50 5565
30
45
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
fS = 125kHz
TA = 25°C
VCC = 3V
VIN = 0.946045kHz
VREF = 3V
TYPICAL PERFOR A CE CHARACTERISTICS
SINAD vs Input Frequency
THD vs Input Frequency
SFDR vs Input Frequency
Change in Offset vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
Change in Gain Error vs
Temperature
Histogram of 4096 Conversions
of a DC Input Voltage
4096 Point FFT Nonaveraged


Similar Part No. - LTC1864LACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864L LINER-LTC1864L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1864L LINER-LTC1864L Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1864L LINER-LTC1864L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1864L LINER-LTC1864L Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864LACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com