Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1860LIS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1860LIS8
Description  mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860LIS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1860LIS8 Datasheet HTML 1Page - Linear Technology LTC1860LIS8 Datasheet HTML 2Page - Linear Technology LTC1860LIS8 Datasheet HTML 3Page - Linear Technology LTC1860LIS8 Datasheet HTML 4Page - Linear Technology LTC1860LIS8 Datasheet HTML 5Page - Linear Technology LTC1860LIS8 Datasheet HTML 6Page - Linear Technology LTC1860LIS8 Datasheet HTML 7Page - Linear Technology LTC1860LIS8 Datasheet HTML 8Page - Linear Technology LTC1860LIS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1860L/LTC1861L
18601Lf
Reference Current vs
Sampling Rate
Reference Current vs
Temperature
Reference Current vs
Reference Voltage
Typical INL Curve
Typical DNL Curve
Analog Input Leakage vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Change in Offset vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
TEMPERATURE (
°C)
–50
25
20
15
10
5
0
25
75
1860L/61L G05
–25
0
50
100
125
fS = 150kHz
VCC = 2.7V
VREF = 2.5V
TEMPERATURE (
°C)
–50
100
75
50
25
0
25
75
1860L/61L G09
–25
0
50
100
125
CONV = 0V
VCC = 2.7V
VREF = 2.5V
SAMPLING FREQUENCY (kHz)
0
25
50
75
100
1860L/61L G04
125
10
9
8
7
6
5
4
3
2
1
0
150
CONV LOW = 1.5
µs
TA = 25°C
VCC = 2.7V
VREF = 2.5V
CODE
0
4096
1860L/61L G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
fS = 150kHz
TA = 25°C
VCC = 2.7V
VREF = 2.5V
CODE
0
4096
1860L/61L G08
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
fS = 150kHz
TA = 25°C
VCC = 2.7V
VREF = 2.5V
REFERENCE VOLTAGE (V)
0
4
1860L/61L G10
1
2
3
2
1
0
–1
–2
fS = 150kHz
TA = 25°C
VCC = 3.6V
REFERENCE VOLTAGE (V)
0
4
1860L/61L G12
1
2
3
2
1
0
–1
–2
fS = 150kHz
TA = 25°C
VCC = 3.6V
TEMPERATURE (
°C)
–50
25
75
1860L/61L G11
–25
0
50
100
125
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
fS = 150kHz
VCC = 2.7V
VREF = 2.5V
REFERENCE VOLTAGE (V)
0
0.5
1.0
2.0
1.5
3.0
2.5
1860L/61L G06
3.5
25
20
15
10
5
0
4.0
fS = 150kHz
TA = 25°C
VCC = 3.6V


Similar Part No. - LTC1860LIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860L LINER-LTC1860L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1860L LINER-LTC1860L Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1860L LINER-LTC1860L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1860L LINER-LTC1860L Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1860LIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com