Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1750 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 5 Page - Linear Technology

  LTC1750 Datasheet HTML 1Page - Linear Technology LTC1750 Datasheet HTML 2Page - Linear Technology LTC1750 Datasheet HTML 3Page - Linear Technology LTC1750 Datasheet HTML 4Page - Linear Technology LTC1750 Datasheet HTML 5Page - Linear Technology LTC1750 Datasheet HTML 6Page - Linear Technology LTC1750 Datasheet HTML 7Page - Linear Technology LTC1750 Datasheet HTML 8Page - Linear Technology LTC1750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1750
1750f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND (unless otherwise
noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND, they will be
clamped by internal diodes. This product can handle input currents of
>100mA below GND without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 80MHz, differential ENC/ENC = 2VP-P 80MHz
sine wave, input range =
±1.125V differential, unless otherwise specified.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar offset is the offset voltage measured from – 0.5 LSB
when the output code flickers between 00 0000 0000 0000 and 11
1111 1111 1111.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
INL
DNL
8192 Point FFT, fIN = 15.2MHz,
–1dB, PGA = 0
8192 Point FFT, fIN = 15.2MHz,
–10dB, PGA = 0
8192 Point FFT, fIN = 15.2MHz,
–20dB, PGA = 0
8192 Point FFT, fIN = 30.2MHz,
–1dB, PGA = 0
OUTPUT CODE
0
–2.5
–2.0
–1.0
–0.5
0
2.5
1.0
4096
8192
1750 G01
–1.5
1.5
2.0
0.5
12288
16384
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1750 G02
–0.6
0.6
0.8
0.2
12288
16384
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G03
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G04
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G05
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G06
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110


Similar Part No. - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
More results

Similar Description - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749 Datasheet
282Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com