Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1750 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1750 Datasheet HTML 7Page - Linear Technology LTC1750 Datasheet HTML 8Page - Linear Technology LTC1750 Datasheet HTML 9Page - Linear Technology LTC1750 Datasheet HTML 10Page - Linear Technology LTC1750 Datasheet HTML 11Page - Linear Technology LTC1750 Datasheet HTML 12Page - Linear Technology LTC1750 Datasheet HTML 13Page - Linear Technology LTC1750 Datasheet HTML 14Page - Linear Technology LTC1750 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1750
1750f
APPLICATIO S I FOR ATIO
Spurious Free Dynamic Range (SFDR)
Spurious free dynamic range is the peak harmonic or
spurious noise that is the largest spectral component
excluding the input signal and DC. This value is expressed
in decibels relative to the RMS value of a full scale input
signal.
Input Bandwidth
The input bandwidth is that input frequency at which the
amplitude of the reconstructed fundamental is reduced by
3dB for a full scale input signal.
Aperture Delay Time
The time from when a rising ENC equals the ENC voltage
to the instant that the input signal is held by the sample and
hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion to
conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2π) • FIN • TJITTER
CONVERTER OPERATION
The LTC1750 is a CMOS pipelined multistep converter with
a front-end PGA. The converter has four pipelined ADC
stages; a sampled analog input will result in a digitized value
five cycles later, see the Timing Diagram section. The analog
input is differential for improved common mode noise
immunity and to maximize the input range. Additionally,
the differential input drive will reduce even order harmon-
ics of the sample-and-hold circuit. The encode input is also
differential for improved common mode noise immunity.
The LTC1750 has two phases of operation, determined by
the state of the differential ENC/ENC input pins. For brev-
ity, the text will refer to ENC greater than ENC as ENC high
and ENC less than ENC as ENC low.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage residue amplifier.
Figure 1. Functional Block Diagram
DIFF
REF
AMP
REF
BUF
4.7
µF
1
µF
0.1
µF
0.1
µF
1
µF
INTERNAL CLOCK SIGNALS
REFL
REFH
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
2.0V
REFERENCE
FIRST PIPELINED
ADC STAGE
(5 BITS)
FOURTH PIPELINED
ADC STAGE
(4 BITS)
SECOND PIPELINED
ADC STAGE
(4 BITS)
ENC
REFHA
REFLB
REFLA REFHB
ENC
SHIFT REGISTER
AND CORRECTION
MSBINV
OGND
OF
OVDD 0.5V TO
5V
D13
D0
CLKOUT
1750 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
PGA
4.7
µF
THIRD PIPELINED
ADC STAGE
(4 BITS)
OUTPUT
DRIVERS
CONTROL LOGIC
AND
CALIBRATION LOGIC


Similar Part No. - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
More results

Similar Description - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749 Datasheet
282Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com