Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6082CMS8-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6082CMS8-TR
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6082CMS8-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6082CMS8-TR Datasheet HTML 2Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 3Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 4Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 5Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 6Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 7Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 8Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 9Page - Linear Technology LTC6082CMS8-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6081/LTC6082
6
60812f
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 5V, V= 0V, VCM = 0.5V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum. This depends on the power supply voltage
and how many amplifiers are shorted.
Note 3: The LTC6081C/LTC6082C and LTC6081I/LTC6082I are guaranteed
functional over the operating temperature range of –40°C to 85°C. The
LTC6081H/LTC6082H are guaranteed functional over the operating
temperature range of –40°C to 125°C.
Note 4: The LTC6081C/LTC6082C are guaranteed to meet specified
performance from 0°C to 70°C. The LTC6081C/LTC6082C are designed,
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ISC
Output Short-Circuit Current
Source
Sink
24
24
21
21
mA
mA
SR
Slew Rate
AV = 1
1
1
V/μs
GBW
Gain-Bandwidth Product
(fTEST = 50kHz)
RL = 100k
2.5
1.8
3.5
2.5
1.5
3.5
MHz
MHz
Φ0
Phase Margin
RL = 10k
70
70
Deg
tS
Settling Time 0.1%
AV = 1, 1V Step
6
6
μs
IS
Supply Current
(Per Amplifier)
No Load
340
425
465
340
425
490
μA
μA
Shutdown Current
(Per Amplifier)
Shutdown, V⎯S⎯H⎯D⎯N ≤ 1.2V
6μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
2.7
5.5
2.7
5.5
V
Channel Separation
fs = 10kHz, RL = 10k
–120
–120
dB
Shutdown Logic
⎯S⎯H⎯D⎯N High
⎯S⎯H⎯D⎯N Low
3.5
1.2
3.5
1.2
V
V
THD
Total Harmonic Distortion
f = 10kHz, V+ = 5V, VOUT = 2VP-P, RL = 10k
–90
–90
dB
tON
Turn-On Time
V⎯S⎯H⎯D⎯N = 1.2V to 3.5V
10
10
μs
tOFF
Turn-Off Time
V⎯S⎯H⎯D⎯N = 3.5V to 1.2V
2
2
μs
⎯S⎯H⎯D⎯N Pin Current
V⎯S⎯H⎯D⎯N = 0V
2μA
characterized and expected to meet specified performance from –40°C
to 85°C but are not tested or QA sampled at these temperatures. The
LTC6081I/LTC6082I are guaranteed to meet specified performance from
–40°C to 85°C. The LTC6081H/LTC6082H are guaranteed to meet specified
performance from –40°C to 125°C.
Note 5: Input offset drift is computed from the limits of the VOS test
divided by the temperature range. This is a conservative estimate of worst
case drift. Consult the Typical Performance Characteristics section for
more information on input offset drift.
Note 6: IB guaranteed by the VS = 5V test.
Note 7: Current noise is calculated from In = √2qIB, where q = 1.6 • 10–19
coulomb.
Note 8: VOS drift is guaranteed by the VS = 3V test.


Similar Part No. - LTC6082CMS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6082 LINER-LTC6082 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6082CMS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com