Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6603IUF-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6603IUF-TRPBF
Description  Dual Adjustable Lowpass Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603IUF-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6603IUF-TRPBF Datasheet HTML 4Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 5Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 6Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 7Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 8Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 9Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 10Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 11Page - Linear Technology LTC6603IUF-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6603
8
6603f
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Rejection
Common Mode Rejection
OIP3 vs Average Signal
Frequency
OIP3 vs Average Signal
Frequency
OIP3 vs Average Signal
Frequency
Common Mode Rejection Ratio
Common Mode Rejection Ratio
Common Mode Rejection
FREQUENCY (Hz)
6603 G16
110
100
90
80
70
60
50
30
40
20
10k
1M
10M
100k
VS = 3V, RBIAS = 30.9k
LPF1 = 0, LPF0 = 1,
BW = 625kHz, TA = 25°C
GAIN = 0dB
GAIN = 24dB
GAIN = 12dB
GAIN = 6dB
FREQUENCY (Hz)
6603 G17
120
110
100
90
80
70
60
40
50
30
1k
100k
1M
10k
VS = 3V, RBIAS = 30.9k
LPF1 = LPF0 = 0, BW = 156.25kHz,
TA = 25°C
GAIN = 0dB
GAIN = 24dB
GAIN = 12dB
GAIN = 6dB
FREQUENCY (Hz)
6603 G18
100
90
80
70
60
50
40
30
10k
1M
10M
100k
VS = 3V, RBIAS = 30.9k
LPF1 = 1, BW = 2.5MHz,
TA = 25°C
GAIN = 0dB
GAIN = 24dB
CMR = ΔVIN-CM/ΔVOUT-DIFF
GAIN = 12dB
GAIN = 6dB
FREQUENCY (Hz)
6603 G19
110
100
90
80
70
60
50
10k
1M
10M
100k
VS = 3V, RBIAS = 30.9k
LPF1 = 0, LPF1 = 1, BW = 625kHz,
TA = 25°C
GAIN = 0dB
GAIN = 24dB
CMR = ΔVIN-CM/ΔVOUT-DIFF
GAIN = 12dB
GAIN = 6dB
FREQUENCY (Hz)
6603 G20
100
90
80
70
60
50
1k
100k
1M
10k
CMR = ΔVIN-CM/ΔVOUT-DIFF
VS = 3V, RBIAS = 30.9k
LPF1 = LPF0 = 0, BW = 156.25kHz,
TA = 25°C
GAIN = 0dB
GAIN = 24dB
GAIN = 12dB
GAIN = 6dB
AVERAGE FREQUENCY OF TWO TONES (kHz)
6603 G21
41
40
39
38
37
36
35
34
100
2500
500
900
1300
1700
2100
VS = 3V, RBIAS = 30.9k, TA = 25°C
LPF1 = 0, LPF0 = 1, BW = 625kHz
VOUT = 6dBm PER TONE FOR 2-TONE TEST
Δf = 10kHz
GAIN = 0dB
GAIN = 24dB
GAIN = 12dB
GAIN = 6dB
AVERAGE FREQUENCY OF TWO TONES (kHz)
6603 G22
46
44
42
40
38
36
0
500
600
100
200
300
400
VS = 3V, RBIAS = 30.9k, TA = 25°C
LPF1 = 0, LPF0 = 1, BW = 625kHz
VOUT = 6dBm PER TONE FOR 2-TONE TEST
Δf = 10kHz
GAIN = 0dB
GAIN = 24dB
GAIN = 12dB
GAIN = 6dB
AVERAGE FREQUENCY OF TWO TONES (kHz)
6603 G23
43
42
41
40
39
38
36
37
35
20
140
160
60
40
80
100
120
VS = 3V, RBIAS = 30.9k, TA = 25°C
LPF1 = 0, LPF0 = 1, BW = 156.25kHz
VOUT = 6dBm PER TONE FOR 2-TONE TEST
Δf = 10kHz
GAIN = 0dB
GAIN = 24dB
GAIN = 12dB
GAIN = 6dB
Common Mode Rejection Ratio
FREQUENCY (Hz)
6603 G15
100
90
80
70
60
50
30
40
20
10k
1M
10M
100k
VS = 3V, RBIAS = 30.9k
LPF1 = 1, BW = 2.5MHz
TA = 25°C
GAIN = 0dB
GAIN = 6dB
GAIN = 24dB
GAIN = 12dB


Similar Part No. - LTC6603IUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
More results

Similar Description - LTC6603IUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com