Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1864L Datasheet(PDF) 16 Page - Linear Technology

Part No. LTC1864L
Description  μPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1864L Datasheet(HTML) 16 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1864L/LTC1865L
sn18645L 18645Lfs
LT/TP 0403 2K • PRINTED IN USA
RELATED PARTS
© LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
TYPICAL APPLICATIO
Tiny 2-Chip Data Acquisition System
+
LTC6910-1
0.1µF
1µF
1µF
3V
3V
AGND
3
8
4
1
2
7
6
5
VIN
GAIN
CONTROL
ADC
CONTROL
499Ω
270pF
VREF
IN+
IN
GND
VCC
SCK
SDO
CONV
LTC1864L
LTC6910-1 (IN TSOT-23 PACKAGE) COMPACTLY ADDS 40dB OF INPUT GAIN
RANGE TO THE LTC1864L (IN MSOP 8-PIN PACKAGE). SINGLE 3V SUPPLY
1864L/65L TA03
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
12-Bit Serial I/O ADCs
LTC1860L/LTC1861L
150ksps
1.22mW
Pin Compatible with LTC1864L/LTC1865L
LTC1860/LTC1861
250ksps
4.25mW
Pin Compatible with LTC1864/LTC1865
14-Bit Serial I/O ADCs
LTC1417
400ksps
20mW
16-Pin SSOP, Unipolar or Bipolar, Reference, 5V or ±5V
LTC1418
200ksps
15mW
Serial/Parallel I/O, Internal Reference, 5V or ±5V
16-Bit Serial I/O ADCs
LTC1609
200ksps
65mW
Configurable Bipolar or Unipolar Input Ranges, 5V
LTC1864/LTC1865
250ksps
4.25mW
MSOP, SO-8, 1- and 2-Channel, 5V Supply
References
LT1460
Micropower Precision Series Reference
Bandgap, 130µA Supply Current, 10ppm/°C, Available in SOT-23
LT1790
Micropower Low Dropout Reference
60µA Supply Current, 10ppm/°C, SOT-23
Op Amps
LT1468/LT1469
Single/Dual 90MHz, 16-Bit Accurate Op Amps
22V/µs Slew Rate, 75µV/125µV Offset
LT1806/LT1807
Single/Dual 325MHz Low Noise Op Amps
140V/µs Slew Rate, 3.5nV/√Hz Noise, – 80dBc Distortion
LT1809/LT1810
Single/Dual 180MHz Low Distortion Op Amps
350V/µs Slew Rate, – 90dBc Distortion at 5MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn