Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1864L Datasheet(PDF) 8 Page - Linear Technology

Part No. LTC1864L
Description  μPower, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1864L Datasheet(HTML) 8 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1864L/LTC1865L
sn18645L 18645Lfs
Load Circuit for tdDO, tr, tf, tdis and ten
Voltage Waveforms for SDO Rise and Fall Times, tr, tf
Voltage Waveforms for SDO Delay Times, tdDO and thDO
Voltage Waveforms for ten
SDO
3k
20pF
TEST POINT
VCC tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1864 TC01
SCK
SDO
VIL
tdDO
thDO
VOH
VOL
1864 TC02
1864 TC03
CONV
SDO
ten
SDO
tr
tf
1864 TC04
VOH
VOL
TEST CIRCUITS
Voltage Waveforms for tdis
SDO
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
SDO
WAVEFORM 2
(SEE NOTE 2)
CONV
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
1864 TC05
FUNCTIONAL BLOCK DIAGRA
1864/65 BD
16-BIT
SAMPLING
ADC
BIAS AND
SHUTDOWN
CONVERT
CLK
SERIAL
PORT
16 BITS
IN+
(CH0)
IN
(CH1)
VCC
VREF
SDO
GND
CONV (SDI) SCK
PIN NAMES IN
PARENTHESES
REFER TO LTC1865L
DATA OUT
DATA IN
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn