Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6603CUF-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6603CUF-PBF
Description  Dual Adjustable Lowpass Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603CUF-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6603CUF-PBF Datasheet HTML 1Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 2Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 3Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 4Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 5Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 6Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 7Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 8Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6603
2
6603f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
V+IN to GND ................................................................6V
V+A, V+D to GND.........................................................4V
V+A to V+D .............................................. –0.3V to +0.3V
Filter Inputs to GND ....................... –0.3V to V+IN + 0.3V
Pins 3, 4 to GND ............................. –0.3V to V+A + 0.3V
Pins 5, 6, 9-11,
15, 17, 21, 22 to GND................. –0.3V to V+D + 0.3V
Maximum Input Current.......................................±10mA
Output Short Circuit Duration........................... Indefinite
Operating Temperature Range (Note 2)
LTC6603CUF .......................................–40°C TO 85°C
LTC6603IUF ........................................–40°C TO 85°C
Specified Temperature Range (Note 3)
LTC6603CUF ...........................................0°C TO 70°C
LTC6603IUF ........................................–40°C TO 85°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm × 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
V+IN
V+A
VOCM
RBIAS
CLKCNTL
LPF1(CS)
–OUTA
SER
V+D
CLKIO
GND
+OUTB
25
TJMAX = 150°C, θJA = 37°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 25) IS GND. MUST BE SOLDERED TO THE PCB.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain Either
Channel
External Clock = 80MHz, Filter Cutoff (fC)= 156.25kHz, VIN = 3.6VP-P, Pin 3 Open
DC Gain, Gain Set = 0dB
fIN = 62.5kHz (0.4 • fC), Relative to DC Gain
fIN = 125kHz (0.8 • fC), Relative to DC Gain
fIN = 156.25kHz (fC), Relative to DC Gain
fIN = 234.375kHz (1.5 • fC), Relative to DC Gain
l
l
l
l
l
0.25
–0.5
0.4
–0.6
0.4
–0.3
0.6
–0.4
–32
0.55
–0.1
0.8
–0.2
–29.5
dB
dB
dB
dB
dB
Matching of Filter
Gain
External Clock = 80MHz, Filter Cutoff (fC)= 156.25kHz, VIN = 3.6VP-P, Pin 3 Open
DC Gain, Gain Set = 0dB
fIN = 62.5kHz (0.4 • fC)
fIN = 125kHz (0.8 • fC)
fIN = 156.25kHz (fC)
l
l
l
l
±0.03
±0.03
±0.03
±0.03
±0.1
±0.1
±0.1
±0.15
dB
dB
dB
dB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6603CUF#PBF
LTC6603CUF#TRPBF
6603
24-Lead (4mm × 4mm) Plastic QFN 0°C to 70°C
LTC6603IUF#PBF
LTC6603IUF#TRPBF
6603
24-Lead (4mm × 4mm) Plastic QFN –40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+A = V+D = V+IN = 3V, VICM = VOCM = 1.5V, Gain = 0dB, lowpass cutoff =
2.5MHz, internal clocking with RBIAS = 30.9k unless otherwise noted.


Similar Part No. - LTC6603CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
More results

Similar Description - LTC6603CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com