Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6603CUF-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6603CUF-PBF
Description  Dual Adjustable Lowpass Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603CUF-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6603CUF-PBF Datasheet HTML 6Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 7Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 8Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 9Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 10Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 11Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 12Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 13Page - Linear Technology LTC6603CUF-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6603
10
6603f
V+IN (Pin 1): Input Voltage Supply (2.7V ≤ V ≤ 5.5V). This
supply must be kept free from noise and ripple. It should
be bypassed directly to a ground plane with a 0.1μF ca-
pacitor unless it is tied to V+A (Pin 2). The bypass should
be as close as possible to the IC, but is not as critical as
the bypassing of V+A and V+D (Pin16).
V+A (Pin 2): Analog Voltage Supply (2.7V ≤ V ≤ 3.6V). This
supply must be kept free from noise and ripple. It should be
bypassed directly to a ground plane with a 0.1μF capacitor.
The bypass should be as close as possible to the IC.
VOCM (Pin 3): Output common mode voltage reference. If
floated, an internal resistive divider sets the voltage on this
pin to half the supply voltage (typically 1.5V), maximiz-
ing the dynamic range of the filter. If this pin is floated, it
must be bypassed with a quality 1μF capacitor to ground.
This pin has a typical input impedance of 3.4k and may
be overdriven. Driving this pin to a voltage other than the
default value will reduce the signal range the filter can
handle before clipping.
RBIAS (Pin 4): Oscillator Frequency-Setting Resistor Input.
The value of the resistor connected between this pin and
ground determines the frequency of the master oscillator,
and sets the bias currents for the filter networks. The voltage
on this pin is held by the LTC6603 to approximately 1.17V.
For best performance, use a precision metal film resis-
tor with a value between 30.9k and 200k and limit the
capacitance on this pin to less than 10pF. This resistor is
necessary even if an external clock is used.
CLKCNTL (Pin 5): Clock Control Input. This three-state
input selects the function of CLKIO (Pin 15). Tying the
CLKCNTL pin to ground allows the CLKIO pin to be driven
by an external clock (CLKIO is the master clock input).
If the CLKCNTL pin is floated, the internal oscillator is
enabled, but the master clock is not present at the CLKIO
pin (CLKIO is a no-connect). If the CLKCNTL pin is tied
to V+D (Pin 16), the internal oscillator is enabled and the
master clock is present at the CLKIO pin (CLKIO is the
master clock output). To detect a floating CLKCNTL pin,
the LTC6603 attempts to pull the pin toward mid-supply.
This is realized with two internal 15μA current sources, one
tied to V+D and CLKCNTL and the other one tied to ground
and CLKCNTL. Therefore, driving the CLKCNTL pin high
requires sourcing approximately 15μA. Likewise, driving
the CLKCNTL pin low requires sinking 15μA. When the
CLKCNTL pin is floated, it should be bypassed by a 1nF
capacitor to ground or be surrounded by a ground shield
to prevent excessive coupling from other PCB traces.
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Input Referred Noise
Integral Input Referred Noise
PIN FUNCTIONS
INTEGRATION BW (Hz)
6603 G34
1000
100
10
1
10k
1M
10M
100k
VS = 3V, RBIAS = 30.9k
LPF1 = 0, LPF0 = 1, BW = 625kHz
TA = 25°C
GAIN = 0dB
GAIN = 6dB
GAIN = 12dB
GAIN = 24dB
INTEGRATION BW (Hz)
6603 G35
1000
100
10
1
10k
100k
1M
VS = 3V, RBIAS = 30.9k
LPF1 = LPF0 = 0, BW = 156.25kHz
TA = 25°C
GAIN = 24dB
GAIN = 12dB
GAIN = 0dB
GAIN = 6dB
Integral Input Referred Noise
INTEGRATION BW (Hz)
6603 G33
1000
100
10
1
10k
1M
10M
100k
VS = 3V, RBIAS = 30.9k
LPF1 = 1,BW = 2.5MHz
TA = 25°C
GAIN = 0dB
GAIN = 6dB
GAIN = 12dB
GAIN = 24dB


Similar Part No. - LTC6603CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
More results

Similar Description - LTC6603CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com