Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6416IDDB-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6416IDDB-TRPBF
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416IDDB-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6416IDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 12Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 13Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 14Page - Linear Technology LTC6416IDDB-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6416
11
6416f
PIN FUNCTIONS
VCM(Pin1):Thispinsetstheoutputcommonmodevoltage
seen at OUT+ and OUTby driving IN+ and INthrough an
internal buffer with a high output resistance of 6k. The VCM
pin has a Thevenin equivalent resistance of approximately
3.8k and can be overdriven by an external voltage. If no
voltage is applied to VCM, it will float to a default voltage
of approximately 1.25V on a 3.3V supply or 1.36V on
a 3.6V supply. The VCM pin should be bypassed with a
high-quality ceramic bypass capacitor of at least 0.1μF.
CLHI (Pin 2): High Side Clamp Voltage. The voltage applied
to the CLHI pin defines the upper voltage limit of the OUT+
and OUTpins. This voltage should be set at least 300mV
above the upper voltage range of the driven ADC. On a 3.3V
supply, the CLHI pin will float to a 2.23V default voltage.
On a 3.6V supply, the CLHI pin will float to a 2.45V default
voltage. CLHI has a Thevenin equivalent of approximately
4.1kΩ and can be overdriven by an external voltage. The
CLHI pin should be bypassed with a high-quality ceramic
bypass capacitor of at least 0.1μF.
IN+,IN(Pins 3, 4):
Non-inverting and inverting input pins
of the buffer, respectively. These pins are high impedance,
approximately 6kΩ. If AC-coupled, these pins will self bias
to the voltage present at the VCM pin.
CLLO (Pin 5): Low Side Clamp Voltage. The voltage ap-
plied to the CLLO pin defines the lower voltage limit of
the OUT+ and OUTpins. This voltage should be set at
least 300mV below the lower voltage range of the driven
ADC. On a 3.3V supply, the CLLO pin will float to a 0.25V
default voltage. On a 3.6V supply, the CLLO pin will float to
a 0.265V default voltage. CLLO has a Thevenin equivalent
resistance of approximately 2.3k and can be overdriven by
an external voltage. The CLLO pin should be bypassed with
a high quality ceramic bypass capacitor of at least 0.1μF.
GND (Pins 6, 9, 11): Negative power supply, normally
tied to ground. Both pins and the exposed paddle must
be tied to the same voltage. GND may be tied to a voltage
other than ground as long as the voltage between V+ and
GND is 2.7V to 4V. If the GND pins are not tied to ground,
bypass them with 680pF and 0.1μF capacitors as close to
the package as possible.
OUT, OUT+ (Pins 7, 8):
Outputs. The LTC6416 outputs
are low impedance. Each output has an output impedance
of approximately 9Ω at DC.
V+ (Pin 10):
Positive Power Supply. Typically 3.3V to 3.6V.
Split supplies are possible as long as the voltage between
V+ and GND is 2.7V to 4V. Bypass capacitors of 680pF
and 0.1μF as close to the part as possible should be used
between the supplies.
Exposed Pad (Pin 11): Ground. The exposed pad must
be soldered to the printed circuit board ground plane for
good heat transfer. If GND is a voltage other than ground,
the Exposed Pad must be connected to a plane with the
same potential as the GND pins – Not to the system
ground plane.
DC TEST CIRCUIT SCHEMATIC
8
1
2
3
4
5
6
9
11
7
CLOAD
V+
V+
10
OUT
6416 DC
OUT+
OUT
OUT+
RLOAD
VCM
VCM
IN+
IN+
CLHI
CLHI
CLLO
CLLO
IN
IN
LTC6416
VINDIFF = IN
+ – IN
IN+ + IN
2
VINCM =
VOUTDIFF = OUT
+ – OUT
OUT+ + OUT
2
VOUTCM =


Similar Part No. - LTC6416IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416 Datasheet
439Kb / 24P
   10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6416 LINER-LTC6416 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
More results

Similar Description - LTC6416IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
logo
Linear Technology
LTC6417 LINER-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
logo
Analog Devices
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com