Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6406IUD-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6406IUD-TRPBF
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406IUD-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6406IUD-TRPBF Datasheet HTML 1Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 2Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 3Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 4Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 5Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 6Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC6406IUD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6406
2
6406fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ................................3.5V
Input Current
+IN, –IN, VOCM, SHDN, VTIP (Note 2)...............±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range
(Note 4) ............................................... –40°C to 85°C
(Note 1)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LTC6406CUD#PBF
LTC6406CUD#TRPBF
LCTC
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6406IUD#PBF
LTC6406IUD#TRPBF
LCTC
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC6406CMS8E#PBF
LTC6406CMS8E#TRPBF
LTCTB
8-Lead Plastic MSOP
0°C to 70°C
LTC6406IMS8E#PBF
LTC6406IMS8E#TRPBF
LTCTB
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SHDN
V+
V
VOCM
V
V+
V+
V
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
1
2
3
4
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
–IN
VOCM
V+
+OUT
8
7
6
5
+IN
SHDN
V
–OUT
9
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS V, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Specified Temperature Range (Note 5)
LTC6406C ................................................ 0°C to 70°C
LTC6406I.............................................. –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C


Similar Part No. - LTC6406IUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6406 LINER-LTC6406 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6406 LINER-LTC6406 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6406 LINER-LTC6406 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6406 LINER-LTC6406 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6406IUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com